ADP172ACBZ-1.0-R7
AI

### Technical Overview of ADP172ACBZ-1.0-R7
The **ADP172ACBZ-1.0-R7** is a low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable, low-noise voltage supply for high-performance analog and mixed-signal circuits.
---
### Core Specifications
The following table outlines the primary electrical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 1.0 V (Fixed) |
| **Input Voltage Range** | 1.6 V to 3.6 V |
| **Maximum Output Current** | 300 mA |
| **Dropout Voltage** | 50 mV @ 300 mA (Typical) |
| **PSRR (Power Supply Rejection Ratio)** | 70 dB at 1 kHz |
| **Quiescent Current (No Load)** | 23 µA |
| **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) |
---
### Key Features and Functionality
1. **Low Dropout (LDO):** The device can maintain a stable 1.0V output even when the input voltage is only slightly higher (approx. 50mV higher) than the output.
2. **Enable Control:** It features an enable (EN) pin that allows the regulator to be turned off electronically, reducing the current draw to less than 1 µA.
3. **Stability with Small Capacitors:** It is specifically designed to be stable with small, low-ESR (Equivalent Series Resistance) ceramic capacitors as small as 1 µF.
4. **Soft Start:** It includes internal circuitry to control the "turn-on" time, preventing large inrush currents that could damage other components.
5. **Protection Suites:**
* **Thermal Overload Protection:** Shuts down the device if it overheats.
* **Short-Circuit Protection:** Prevents damage if the output is grounded.
---
### Typical Application Circuit
The ADP172 requires minimal external components for operation:
```mermaid
graph LR
Vin[Input Voltage] --> Cin[1uF Ceramic Cap]
Cin --> Pin1[VIN Pin]
Pin1 --> IC[ADP172-1.0]
IC --> Pin2[VOUT Pin]
Pin2 --> Cout[1uF Ceramic Cap]
Cout --> Vout[1.0V Output]
IC --> Pin3[EN Pin - Logic High]
IC --> Pin4[GND Pin]
```
---
### Comparison with Similar Regulators
| Feature | ADP172 | Standard LDO (e.g., LM1117) |
| :--- | :--- | :--- |
| **Size** | Ultra-miniature (WLCSP) | Large (SOT-223 / TO-220) |
| **Efficiency** | High (Low Quiescent Current) | Moderate |
| **Input Voltage** | Low (Up to 3.6V) | High (Up to 15V+) |
| **Ideal Use** | Battery-powered portables | Industrial Power Rails |
- ⤷
What are the thermal considerations for the WLCSP package in high-current applications?
- ⤷ How does the PSRR value affect noise-sensitive components like ADCs?
- ⤷ What are the pinout designations for the 4-ball WLCSP pattern?