ADP172ACBZ-1.5-R7
AI

The **ADP172ACBZ-1.5-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for space-constrained and power-sensitive applications like smartphones and portable medical devices.
---
### ## Technical Specifications Overview
The following table summarizes the key electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 1.5 V |
| **Input Voltage Range** | 1.6 V to 3.6 V |
| **Maximum Output Current** | 300 mA |
| **Dropout Voltage** | 50 mV (at 300 mA Load) |
| **Quiescent Current (No Load)** | 23 µA |
| **PSRR (at 1 kHz)** | 70 dB |
| **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) |
| **Operating Temperature** | -40°C to +125°C |
---
### ## Key Features
1. **Low Dropout Voltage:** With a dropout of only 50 mV at full load, it allows for efficient power conversion even when the input voltage is very close to the output voltage.
2. **Low Quiescent Current:** The 23 µA ground current extends battery life in portable electronics during standby modes.
3. **High PSRR:** The Power Supply Rejection Ratio (PSRR) of 70 dB ensures that noise from the input power source (like a switching regulator) is effectively filtered out.
4. **Stability:** It is stable with small 1 µF ceramic input and output capacitors, reducing the overall PCB footprint.
5. **Protection Circuits:** Includes thermal overload protection and short-circuit protection to prevent damage during fault conditions.
---
### ## Pin Configuration (4-Ball WLCSP)
The device uses a tiny 0.95 mm x 1.03 mm footprint. The pinout is typically arranged as follows:
* **VIN:** Input Voltage Supply.
* **VOUT:** Regulated Output Voltage (1.5V).
* **EN:** Enable Input. Drive high to turn on the regulator; drive low to put it in shutdown mode.
* **GND:** Ground reference.
---
### ## Typical Applications
* **Mobile Phones:** Powering sensitive RF or analog baseband circuits.
* **Digital Cameras:** Providing clean power to image sensors.
* **Portable Medical Equipment:** Handheld diagnostic tools.
* **Post-Regulation:** Used after a DC-DC switching converter to "clean up" the ripples for noise-sensitive components.
- ⤷
What are the main differences between the ADP172 and the ADP170 series?
- ⤷ Can this regulator be used with an input voltage higher than 3.6V?
- ⤷ What is the recommended layout practice for the WLCSP package to manage heat?