ADP172ACBZ-1.8-R7
AI

## Technical Overview: ADP172ACBZ-1.8-R7
The **ADP172ACBZ-1.8-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for portable and wireless applications where space is limited and power efficiency is critical.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices Inc. |
| **Output Voltage** | 1.8V (Fixed) |
| **Input Voltage Range** | 1.6V to 3.6V |
| **Maximum Output Current** | 300 mA |
| **Dropout Voltage** | 50 mV @ 300 mA (Typical) |
| **Quiescent Current** | 23 µA (Typical at no load) |
| **Package / Case** | 4-WLCSP (0.72mm x 0.72mm) |
| **PSRR** | 73 dB at 1 kHz |
---
### 2. Core Functional Components
The internal architecture of the ADP172 consists of several critical stages:
1. **Reference Voltage Source:** Provides a stable baseline voltage for comparison to ensure precise 1.8V output.
2. **Error Amplifier:** Compares the feedback voltage from the output against the internal reference and adjusts the pass transistor accordingly.
3. **PMOS Pass Transistor:** Acts as the variable resistor that drops the input voltage to 1.8V. Because it is a PMOS-based design, it allows for a very low dropout voltage.
4. **Protection Circuitry:**
* **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safety limits.
* **Short-Circuit Protection:** Limits current flow during a fault to prevent permanent damage.
* **Soft Start:** Reduces inrush current during startup to protect upstream components.
---
### 3. Pin Configuration (WLCSP Package)
As a 4-ball Wafer Level Chip Scale Package, the pinout is optimized for minimal PCB footprint:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| **A1** | **VIN** | Regulator Input Supply. |
| **A2** | **VOUT** | Regulated Output Voltage (1.8V). |
| **B1** | **EN** | Enable Input. Driving this high turns on the regulator. |
| **B2** | **GND** | Ground. |
---
### 4. Implementation Requirements
To ensure stability and performance, the following external components are typically required:
* **Input Capacitor ($C_{IN}$):** A 1 µF ceramic capacitor is recommended to improve transient response and compensate for input line impedance.
* **Output Capacitor ($C_{OUT}$):** A 1 µF ceramic capacitor (with low ESR) is mandatory for loop stability.
### 5. Common Applications
* Mobile phones and smartphones.
* Digital cameras and audio equipment.
* Portable medical devices.
* Post-regulation for DC-DC converters.
---
- ⤷
What are the advantages of using a WLCSP package over a standard SOT-23 package for this LDO?
- ⤷ How does the Power Supply Rejection Ratio (PSRR) affect the performance in RF applications?
- ⤷ What is the maximum power dissipation allowed for the ADP172 in a typical PCB layout?