AI

The **ADP172ACBZ-2.1-R7** is a low dropout (LDO) linear regulator designed by Analog Devices. It is specifically engineered for high-performance, space-constrained applications like smartphones, portable medical devices, and wireless sensor nodes.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 1.6 V to 3.6 V |
| **Output Voltage** | 2.1 V (Fixed) |
| **Maximum Output Current** | 300 mA |
| **Dropout Voltage** | 50 mV (Typical at 300 mA load) |
| **Quiescent Current** | 23 μA (Typical with no load) |
| **Shutdown Current** | < 1 μA |
| **PSRR (Power Supply Rejection Ratio)** | 70 dB at 10 kHz |
| **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) |
---
### 2. Functional Features
* **Low Dropout Voltage:** The device maintains regulation even when the input voltage is very close to the output voltage (only 50mV difference required at full load), which extends battery life.
* **Enable/Shutdown Control:** It features an enable pin (`EN`). When pulled low, the device enters a shutdown mode, consuming less than 1 μA, which is critical for power-saving in mobile devices.
* **Internal Protection:**
* **Short-Circuit Protection:** Prevents damage during fault conditions.
* **Thermal Overload Protection:** Automatically shuts down if the junction temperature exceeds safe limits.
* **Stability:** Optimized for use with small, low-ESR ceramic capacitors (as small as 1 μF).
---
### 3. Pin Configuration (WLCSP)
The device uses a 4-ball grid arrangement:
| Ball | Symbol | Description |
| :--- | :--- | :--- |
| **A1** | **VIN** | Regulator Input Supply |
| **A2** | **VOUT** | Regulated Output Voltage |
| **B1** | **EN** | Enable Input (High = On, Low = Off) |
| **B2** | **GND** | Ground |
---
### 4. Typical Application Circuit
```mermaid
graph LR
Vin[Input Voltage] --> C1[1uF Capacitor]
C1 --> VIN_Pin[ADP172 VIN]
EN_Pin[Enable Pin] --- Switch[Logic High/Low]
VIN_Pin --> VOUT_Pin[ADP172 VOUT]
VOUT_Pin --> C2[1uF Capacitor]
C2 --> Load[System Load]
GND_Pin[ADP172 GND] --- Ground[PCB Ground]
```
---
### 5. Part Number Breakdown: `ADP172ACBZ-2.1-R7`
* **ADP172**: Model series (300 mA LDO).
* **A**: Operating temperature range (-40°C to +125°C).
* **CBZ**: Package code (WLCSP - Halogen Free/RoHS Compliant).
* **2.1**: Output voltage setting (2.1 Volts).
* **R7**: Packaging format (7-inch Tape and Reel, typically 3,000 pieces).
- ⤷What is the significance of the 70 dB PSRR in this LDO?
- ⤷ Can this LDO be used with an input voltage higher than 3.6V?
- ⤷ What are the recommended values for the input and output capacitors?