ADP1740ACPZ-1.2-R7
AI

The **ADP1740ACPZ-1.2-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide high current with low noise and excellent power supply rejection ratio (PSRR), making it ideal for powering sensitive digital logic and RF components.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 1.2V (Fixed) |
| **Input Voltage Range** | 1.6V to 3.6V |
| **Maximum Output Current** | 2.0 Amperes |
| **Dropout Voltage** | 160 mV (typical at 2A load) |
| **Package Type** | 16-Lead LFCSP (4mm x 4mm) |
| **Accuracy** | ±1% over line, load, and temperature |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Functional Features
* **Soft Start:** Includes an internal soft-start capacitor to limit inrush current during startup, protecting upstream power supplies.
* **Power Good (PG):** A digital output pin that signals when the output voltage is within its regulated range (typically >90%).
* **Reverse Current Protection:** Prevents current from flowing back from the output to the input if the input voltage drops below the output voltage.
* **Low Noise Performance:** Engineered for ultra-low noise, which is critical for high-speed signal processing and clock generation.
---
### 3. Pinout and Internal Logic
The ADP1740 uses a specialized **NMOS pass transistor** architecture. This allows it to operate with a very low input voltage, provided a separate small bias voltage (VBIAS) is available to drive the gate of the NMOS.
```c
// Typical Connection Logic
Input (VIN) ----[ADP1740]----> Output (1.2V)
Bias (VBIAS) ----[ADP1740] // Logic drive
Enable (EN) ----[Logic High] // Turns on the chip
```
---
### 4. Common Applications
* **FPGA & DSP Power:** Providing the core voltage (1.2V) for high-performance processors.
* **Data Communications:** Powering high-speed transceivers and optical modules.
* **Medical Equipment:** High-precision imaging systems requiring low-noise power rails.
* **Fixed Network Equipment:** Used in switches and routers.
---
### 5. Part Number Breakdown
* **ADP1740:** Product family (2A CMOS LDO).
* **ACPZ:** Lead-free, 16-Lead LFCSP package.
* **1.2:** Fixed output voltage of 1.2 Volts.
* **R7:** Packaging format (7-inch reel, typically 1,500 units).
- ⤷What is the difference between the ADP1740 and ADP1741?
- ⤷ How do I calculate the power dissipation for this LDO?
- ⤷ What are the recommended values for input and output capacitors for the ADP1740?