Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADP1740ACPZ-2.5-R7

  • AI
    The **ADP1740ACPZ-2.5-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide high output current with very low noise, making it ideal for powering sensitive digital and analog circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | Fixed 2.5V | | **Input Voltage Range** | 1.6V to 3.6V | | **Max Output Current** | 2.0 Amperes | | **Dropout Voltage** | 160 mV (typical at 2A load) | | **Package / Case** | 16-LFCSP (Lead Frame Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Blocks The internal architecture of the ADP1740 is designed for stability and protection: * **Pass Transistor:** Uses a PMOS pass element to allow for very low dropout voltages. * **Soft Start:** Includes a programmable soft-start feature (via an external capacitor) to reduce inrush current during startup. * **Power Good (PG):** An open-drain output that signals when the output voltage is within its regulated range (typically 90% of nominal). * **Enable (EN):** A logic-level input used to turn the device on or off, drawing less than 1 µA in shutdown mode. --- ### 3. Application Areas Because of its high current capability and low noise floor, this part is commonly used in: 1. **Server and Storage:** Powering high-speed I/O rails. 2. **FPGA/DSP Power:** Providing the core or I/O voltages for processors requiring high current transients. 3. **Medical Imaging:** Used in noise-sensitive signal chains where switching regulators might cause interference. 4. **Networking:** Powering optical modules and high-speed routers. --- ### 4. Implementation Details (External Components) To ensure stability and performance, the following external components are typically required: ```c // Recommended Peripheral Components 1. Input Capacitor (Cin): 10 uF (Low ESR Ceramic) 2. Output Capacitor (Cout): 10 uF (Low ESR Ceramic) 3. Soft-Start Capacitor (Css): Optional, typically 10 nF to 100 nF ``` --- ### 5. Part Number Breakdown * **ADP1740:** Base Model (2A LDO family). * **ACPZ:** Package indicator (LFCSP, RoHS compliant). * **2.5:** Fixed output voltage of 2.5 Volts. * **R7:** Packaging format (7-inch Tape and Reel).
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using the ADP1740 over a switching regulator?
    • ⤷ How does the Soft-Start (SS) pin affect the power-up sequence?
    • ⤷ What is the thermal management requirement for this LFCSP package at 2A current?