ADP1761WACPZ1.25-R7
AI

The **ADP1761WACPZ1.25-R7** is a high-performance, low dropout (LDO) linear regulator designed by Analog Devices. It is specifically engineered for noise-sensitive applications where high output current and precision are required.
---
### ## 1. Key Specifications
The following table summarizes the primary electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 1.25 V |
| **Input Voltage Range** | 1.10 V to 1.98 V |
| **Maximum Output Current** | 1.0 A |
| **Dropout Voltage (Typ)** | 30 mV at 1 A |
| **PSRR (Power Supply Rejection Ratio)** | 69 dB at 1 kHz |
| **Noise Level** | 2 μV rms (10 Hz to 100 kHz) |
| **Package** | 16-lead LFCSP (3mm x 3mm) |
| **Operating Temperature** | -40°C to +125°C (Automotive Qualified) |
---
### ## 2. Core Features
* **Ultra-Low Dropout:** The extremely low dropout voltage allows the regulator to operate with minimal input-to-output voltage differential, which maximizes efficiency and reduces heat dissipation.
* **Precision and Accuracy:** It offers ±1.5% accuracy over line, load, and temperature variations.
* **Soft Start Capability:** Includes a programmable soft start feature to control inrush current during power-up.
* **Power Good (PG) Indicator:** Features a dedicated pin to signal when the output voltage is within its regulated range.
* **Automotive Qualification:** The "W" in the part number indicates it is AEC-Q100 qualified, making it suitable for automotive environments.
---
### ## 3. Typical Application Circuit
The ADP1761 requires minimal external components to operate effectively. Below is a conceptual representation of the pin configuration and external components:
```c
// Typical Pin Connections (Conceptual)
[ VIN ] ----> (Input Capacitor: 10uF) ----> [ ADP1761 ]
|
[ EN ] <---- Enable Signal |---- [ VOUT: 1.25V ]
[ SS ] <---- Soft Start Cap (Optional) |
[ PG ] ----> Power Good Output |---- (Output Capacitor: 10uF)
[ GND ] <---- System Ground |
```
---
### ## 4. Common Use Cases
1. **FPGA & DSP Powering:** Providing clean, stable 1.25V rails for core logic or I/O.
2. **ADC/DAC Reference:** Powering high-speed data converters where low noise is critical to prevent jitter or signal degradation.
3. **Automotive Systems:** ADAS (Advanced Driver Assistance Systems) and infotainment modules.
4. **Optical Modules:** Powering sensitive laser drivers and optical transceivers.
- ⤷
What are the thermal considerations for the 16-lead LFCSP package at 1A load?
- ⤷ How does the Soft Start pin (SS) calculation work for this model?
- ⤷ What are the recommended ESR values for the input and output capacitors?