ADP1762ACPZ1.25-R7
AI

## ADP1762ACPZ1.25-R7: Low Dropout (LDO) Regulator
The **ADP1762ACPZ1.25-R7** is a high-performance, low dropout linear regulator (LDO) designed by Analog Devices. It is specifically engineered to power noise-sensitive components such as high-speed ADCs, DACs, and precision analog circuitry.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 1.25 V |
| **Maximum Output Current** | 2.0 A |
| **Input Voltage Range** | 1.10 V to 1.98 V |
| **Dropout Voltage** | 62 mV (typical at 2A) |
| **Power Supply Rejection Ratio (PSRR)** | 62 dB at 10 kHz |
| **Output Noise** | 2 μV rms (10 Hz to 100 kHz) |
| **Operating Temperature** | -40°C to +125°C |
| **Package** | 16-Lead LFCSP (3mm x 3mm) |
---
### 2. Functional Components and Features
The internal architecture of the ADP1762 includes several critical electronic sub-systems:
* **Ultra-Low Noise Architecture:** It utilizes a proprietary reference and error amplifier design to minimize thermal noise, making it ideal for RF and data conversion applications.
* **Soft Start Capability:** A dedicated `SS` pin allows the connection of an external capacitor to program the startup time, reducing inrush current.
* **Precision Enable (EN):** This pin allows the chip to be turned on or off with high logic precision, facilitating power sequencing.
* **Power Good (PG) Indicator:** An open-drain output that signals when the output voltage has reached a stable regulated level (typically 92% of the nominal voltage).
* **Thermal and Overcurrent Protection:** Built-in circuitry that shuts down the device if the junction temperature exceeds safety limits or if a short circuit occurs at the output.
---
### 3. Application Circuit Example
A typical implementation requires minimal external components, primarily decoupling capacitors to ensure stability.
```c
// Pseudo-Schematic Representation
[Input Source (1.5V)] ----> [VIN Pin]
|
[10uF Ceramic Cap]
|
[GND] <------------------------+
[ADP1762]
- VOUT Pin (1.25V) ----> [Load / Processor]
- ADJ/REFE Pin ----> [Noise Bypass Cap]
- SS Pin ----> [Soft Start Cap]
- PG Pin ----> [Pull-up to VIO]
```
---
### 4. Part Number Breakdown
* **ADP1762:** The base model series (2A LDO).
* **ACPZ:** Indicates the Lead-frame Chip Scale Package (LFCSP) and RoHS compliance (Z).
* **1.25:** Specifies the fixed output voltage of 1.25V.
* **R7:** Indicates the packaging format (7-inch Reel, typically 1,500 units).
- ⤷
What are the requirements for the input and output capacitors to ensure stability?
- ⤷ Can the output voltage be adjusted
- ⤷ or is it strictly fixed at 1.25V?
- ⤷ How does the Power Supply Rejection Ratio (PSRR) change at higher frequencies?