ADP1763ACPZ0.95-R7
AI

## Technical Overview: ADP1763ACPZ0.95-R7
The **ADP1763ACPZ0.95-R7** is a high-performance, low dropout (LDO) linear regulator designed by Analog Devices. It is specifically engineered to power noise-sensitive high-speed analog and mixed-signal circuits.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 0.95 V |
| **Maximum Output Current** | 3.0 A |
| **Input Voltage Range** | 1.10 V to 1.98 V |
| **Dropout Voltage** | 95 mV (typical at 3A load) |
| **PSRR (Power Supply Rejection Ratio)** | 62 dB at 1 kHz |
| **Noise Performance** | 2 μV rms (10 Hz to 100 kHz) |
| **Package Type** | 16-lead LFCSP (3mm x 3mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Functional Components and Pins
The device incorporates several internal features to ensure stability and protection:
* **Soft Start (SS):** Allows for a controlled increase in output voltage during power-up to reduce inrush current.
* **Power Good (PG):** An open-drain output that signals when the output voltage has reached a stable level.
* **Precision Enable (EN):** Used to turn the device on/off; can be used for power sequencing.
* **REFCAP:** A capacitor pin used to filter internal reference noise, essential for achieving ultra-low noise output.
* **Thermal Overload Protection:** Automatically shuts down the device if the junction temperature exceeds safety limits.
---
### 3. Application Use Cases
Due to its high current capability and low noise profile, it is commonly used in:
1. **FPGA and DSP Power:** Providing the core voltage for high-speed digital processors.
2. **ADC/DAC Circuits:** Powering precision data converters where power supply noise can degrade performance.
3. **Medical Imaging:** Used in sensitive signal chains requiring stable, clean power.
4. **High-Speed Networking:** Powering optical modules and SerDes interfaces.
---
### 4. Implementation Requirements (Typical Circuit)
To ensure stable operation, the following external components are typically required:
```yaml
Components:
- Input_Capacitor: 10 µF (Low ESR Ceramic)
- Output_Capacitor: 22 µF (Low ESR Ceramic)
- SS_Capacitor: Optional (Controls ramp-up time)
- REFCAP_Capacitor: 1 µF (Required for noise reduction)
```
- ⤷
What are the main differences between the ADP1763 and the ADP1762 series?
- ⤷ How does the dropout voltage change if the load current is reduced to 1A?
- ⤷ Is there an adjustable version of this LDO available?