ADP1764ACPZ0.85-R7
AI

The **ADP1764ACPZ0.85-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide high output current with ultra-low noise, making it ideal for noise-sensitive high-speed analog and mixed-signal circuits.
---
### ## Technical Specifications
The following table summarizes the core electronic characteristics of the ADP1764:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 1.10 V to 1.98 V |
| **Output Voltage (Fixed)** | 0.85 V |
| **Maximum Output Current** | 4.0 A |
| **Dropout Voltage** | 45 mV (typical at 4A load) |
| **PSRR (at 10 kHz)** | 69 dB |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | LFCSP-16 (4mm x 4mm) |
---
### ## Key Electronic Features
1. **Low Dropout (LDO) Operation**:
The device can maintain a stable 0.85V output even when the input voltage is only slightly higher (as low as 45mV difference), reducing power dissipation and heat.
2. **Soft Start (SS)**:
It features a programmable soft-start capability. By connecting a capacitor to the SS pin, the user can control the ramp-up time of the output voltage to prevent inrush current.
3. **Power Good (PG)**:
An open-drain output that signals when the output voltage is stable and within regulation (typically 90% of the nominal value).
4. **Low Noise Performance**:
With an output noise of approximately 2 μV rms (from 10 Hz to 100 kHz), it is suitable for powering sensitive ADCs, DACs, and RF components.
5. **Precision Enable**:
The enable input has a high-precision threshold, allowing the regulator to be used for power sequencing in multi-rail systems.
---
### ## Pin Configuration Overview
The **LFCSP-16** package provides several critical pins for stability and control:
* **VIN**: Input power source.
* **VOUT**: Regulated 0.85V output.
* **VBIAS**: A secondary input voltage (typically 2.3V to 5.5V) required to power the internal control circuitry, allowing the VIN to stay very low.
* **EN**: Enable pin to turn the device on/off.
* **SS**: Soft-start pin for timing capacitors.
* **PG**: Power Good indicator pin.
* **Exposed Pad**: Must be soldered to the PCB ground plane for thermal dissipation.
---
### ## Typical Application Circuit
The ADP1764 requires minimal external components for operation:
```text
Input (1.1V) ----[ CIN: 22uF ]---- VIN
|
ADP1764
|
Output (0.85V) --[ COUT: 47uF ]--- VOUT
|
Bias (3.3V) -----[ CBIAS: 1uF ]--- VBIAS
```
- ⤷
What is the significance of the VBIAS pin in this LDO?
- ⤷ How does the soft-start capacitor affect the power-up sequence?
- ⤷ What are the thermal considerations for the LFCSP-16 package at 4A current?