Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADP176ARMZ-3.0-R7

  • AI
    ## ADP1761ARMZ-3.0-R7: Technical Overview The **ADP1761ARMZ-3.0-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide stable, low-noise power for noise-sensitive components like RF circuits, high-speed ADCs, and precision instrumentation. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of this specific variant: | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 3.0 V | | **Maximum Output Current** | 1 A | | **Input Voltage Range** | 1.1 V to 1.98 V | | **Dropout Voltage** | 30 mV (at 1 A load) | | **PSRR (Power Supply Rejection Ratio)** | 67 dB at 10 kHz; 45 dB at 1 MHz | | **Output Noise** | 2 μV rms (10 Hz to 100 kHz) | | **Operating Temperature** | -40°C to +125°C | | **Package** | 8-Lead MSOP-EP (Mini Small Outline Package with Exposed Pad) | --- ### 2. Core Functional Parts The internal architecture of the ADP1761 includes several critical stages to ensure high-speed performance and stability: * **Low Noise Reference:** A precision internal voltage reference that maintains accuracy over temperature and load variations. * **Error Amplifier:** Compares the output voltage to the internal reference to maintain a steady 3.0V output. * **NMOS Pass Transistor:** Unlike standard PMOS LDOs, this uses an NMOS pass element, which allows for a very low dropout voltage and high PSRR at high frequencies. * **Soft Start Circuit:** Prevents current spikes during power-up by gradually increasing the output voltage. * **Protection Circuitry:** Includes Thermal Shutdown (TSD) and Overcurrent Protection (OCP) to prevent damage under fault conditions. --- ### 3. Pin Configuration (8-Lead MSOP) The device utilizes an exposed pad for thermal dissipation, which must be soldered to the PCB ground. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VOUT** | Regulated Output Voltage (3.0V). | | 2, 3 | **VOUT/NC** | Output or No Connection (Depending on layout). | | 4 | **GND** | Ground. | | 5 | **EN** | Enable Input. High = On, Low = Off. | | 6, 7 | **VIN** | Input Voltage Supply. | | 8 | **SS/ADJ** | Soft Start/Adjust. Connect a capacitor for soft-start timing. | | EP | **Exposed Pad** | Thermal interface, must be connected to Ground. | --- ### 4. Part Number Breakdown The suffixing provides information on the packaging and specific voltage: * **ADP1761**: Base Model (1A LDO). * **ARMZ**: Package code (MSOP-EP, RoHs Compliant). * **3.0**: Fixed Output Voltage (3.0 Volts). * **R7**: Tape and Reel packaging (7-inch reel). --- ### 5. Application Circuit Example A typical circuit requires minimal external components for operation: ```text Input (1.1V - 1.98V) ----[ C_IN: 10uF ]----( VIN ) | [ ADP1761 ]----( VOUT )----[ C_OUT: 10uF ]---- Output (3.0V) | ( GND ) ``` *Note: The input voltage must be higher than the output + dropout, however, the ADP1761 is specifically designed for low voltage rails (typically stepping down from 1.8V to 1.5V, though this specific variant is tuned for 3.0V).* ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NMOS pass transistor and a standard PMOS in LDOs?
    • ⤷ How does the Soft Start (SS) pin affect the power-up sequence?
    • ⤷ What are the thermal considerations for the MSOP-EP package at 1A current?