Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADP1864AUJZ-R7

  • AI
    The **ADP1864AUJZ-R7** is a compact, inexpensive, constant-frequency current-mode step-down (buck) DC-to-DC controller. It is designed to drive an external N-channel MOSFET to provide high efficiency in power conversion applications. --- ### ## Technical Specifications Below are the primary technical parameters for the ADP1864AUJZ-R7: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. (ADI) | | **Topology** | Buck (Step-Down) | | **Input Voltage Range** | 3.15 V to 14 V | | **Output Voltage Range** | 0.8 V to $V_{IN}$ (Adjustable) | | **Switching Frequency** | 580 kHz | | **Duty Cycle (Max)** | 100% | | **Package** | TSOT-23-6 | | **Operating Temperature** | -40°C to +125°C | --- ### ## Key Features & Functional Blocks 1. **Current-Mode Control**: * It uses current-mode control for fast line and load transient response. * It provides cycle-by-cycle current limiting for protection against short circuits. 2. **External N-Channel Drive**: * Unlike integrated regulators, this is a *controller*. It drives an external MOSFET, allowing the user to select a transistor based on specific thermal and current requirements. 3. **100% Duty Cycle**: * The device can operate at a 100% duty cycle, meaning the output voltage can stay very close to the input voltage (low dropout) when the battery or supply voltage drops. 4. **Soft Start**: * Includes an internal soft-start period to reduce inrush current during startup. --- ### ## Pin Configuration (TSOT-23-6) | Pin No. | Pin Name | Description | | :--- | :--- | :--- | | 1 | **GATE** | Gate drive for the external N-channel MOSFET. | | 2 | **GND** | Ground reference. | | 3 | **FB** | Feedback input. Connected to a resistor divider to set output voltage. | | 4 | **SENSE** | Current sense input for the current-mode control loop. | | 5 | **VIN** | Input power supply for the IC. | | 6 | **ON/OFF** | Enable pin. High = On, Low = Shutdown. | --- ### ## Typical Application Circuit Code (Conceptual) If you were defining the bill of materials (BOM) in a design tool, the structure would look like this: ```markdown Components Required: 1. IC: ADP1864AUJZ-R7 2. Q1: N-Channel MOSFET (e.g., Si4430BDY) 3. L1: Power Inductor (Value depends on desired output current) 4. D1: Schottky Diode (Catch diode) 5. C_in/C_out: Low ESR Ceramic Capacitors 6. R_fb1/R_fb2: Feedback resistor divider ``` --- ### ## Applications * **Set-top boxes** and home entertainment systems. * **Networking equipment** (Routers, Switches). * **Distributed power systems** (converting 12V or 5V rails to lower voltages). * **Battery-operated devices** requiring high efficiency.
    ✨ Follow-up Questions
    • How do you calculate the feedback resistor values for a specific output voltage?
    • What are the advantages of using an external MOSFET controller versus an integrated regulator?
    • What criteria should be used to select the inductor for this specific controller?