Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADP1974ARUZ-R7

  • AI
    ## Overview of the ADP1974ARUZ-R7 The **ADP1974ARUZ-R7** is a high-performance, constant-frequency, pulse-width modulation (PWM) controller designed specifically for **bidirectional DC-to-DC applications**. It is commonly used in battery testing systems and energy storage solutions. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. (ADI) | | **Function** | Bidirectional PWM Controller | | **Operating Voltage (VCC)** | 6V to 60V | | **Package** | 24-Lead TSSOP (Thin Shrink Small Outline Package) | | **PWM Frequency** | Programmable (up to 500 kHz) | | **Control Mode** | Voltage and Current Control Loops | | **Topology Support** | Buck, Boost, and Buck-Boost | --- ### 2. Functional Electronic Components & Logic The internal architecture of the ADP1974 is composed of several critical electronic sub-systems: * **Bidirectional Control Logic:** Unlike standard PWM controllers, the ADP1974 can seamlessly transition between charging (Buck) and discharging (Boost) modes. This is managed by the `MODE` pin, which dictates the direction of current flow. * **Precision Error Amplifiers:** It contains high-accuracy amplifiers for both voltage and current regulation. This allows for precise Constant Current (CC) and Constant Voltage (CV) charging profiles. * **Integrated Driver Interface:** While it does not include the power MOSFETs internally, it provides the logic signals required to drive external high-side and low-side gate drivers (like the ADP1972). * **Programmable Soft Start:** Prevents inrush current during startup by gradually increasing the PWM duty cycle. --- ### 3. Application Circuit Components When designing a PCB with the ADP1974, the following peripheral electronic parts are typically required: 1. **Inductor:** Stores energy during the switching cycle. Its value is determined by the desired ripple current and switching frequency. 2. **Current Sense Resistor:** A low-resistance shunt used to monitor the flow of current in both directions. 3. **External MOSFETs:** The ADP1974 controls these to perform the actual power conversion. 4. **Feedback Network:** A resistive divider used to scale down the output voltage for the controller's feedback (FB) pins. --- ### 4. Typical Usage Scenario: Battery Testing In a battery testing environment, the ADP1974 acts as the "brain": * **Charge Phase:** It operates in **Buck mode**, stepping down a high DC bus voltage to charge a battery cell at a specific current. * **Discharge Phase:** It operates in **Boost mode**, taking energy from the battery and stepping it up to be recycled back into the DC bus or a grid-tied inverter. --- ### 5. Part Number Suffix Meaning * **ARUZ:** Indicates the package type (TSSOP) and temperature range. * **R7:** Indicates the packaging format, specifically a **7-inch Tape and Reel** containing 1,000 units.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADP1974 and the ADP1972?
    • ⤷ How do you calculate the switching frequency for this controller?
    • ⤷ Can the ADP1974 be used for high-voltage EV battery testing above 60V?