ADP2108ACBZ-1.0-R7
AI

The **ADP2108ACBZ-1.0-R7** is a high-efficiency, low quiescent current, step-down (buck) DC-to-DC converter manufactured by Analog Devices. It is specifically designed for portable applications where board space and power efficiency are critical.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 1.0 V (Fixed) |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Maximum Output Current** | 600 mA |
| **Switching Frequency** | 3 MHz |
| **Package Type** | 5-ball WLCSP (Wafer Level Chip Scale Package) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Features
* **High Efficiency:** Uses a synchronous rectification architecture to achieve efficiencies over 90%, extending battery life in mobile devices.
* **3 MHz Switching Frequency:** The high frequency allows for the use of tiny, low-profile inductors (as small as 0603 case size) and ceramic capacitors.
* **Automatic PFM/PWM Mode:**
* **PWM Mode:** Operates at a constant frequency for low noise during high loads.
* **PFM Mode:** Switches to Pulse Frequency Modulation during light loads to save power.
* **Internal Compensation:** Simplifies the design process by reducing the number of external components required.
* **Safety Features:** Includes undervoltage lockout (UVLO), soft start, thermal shutdown, and short-circuit protection.
---
### 3. Pin Configuration (5-Ball WLCSP)
| Ball | Symbol | Description |
| :--- | :--- | :--- |
| **A1** | **VIN** | Input Voltage Source (2.3V - 5.5V). |
| **A2** | **SW** | Switch Node; connected to the external inductor. |
| **B1** | **EN** | Enable Input. High = On, Low = Off. |
| **B2** | **GND** | Ground reference. |
| **C1** | **FB/VOUT** | Feedback/Output sense pin for the fixed 1.0V version. |
---
### 4. Typical Application Circuit
The ADP2108 is famous for its "minimalist" external component requirement. A typical setup requires only three external parts:
```markdown
Input (2.3V-5.5V) ----[Cin: 4.7uF]---- VIN
|
[ADP2108]---- SW ----[L: 1.0uH]---- VOUT (1.0V)
| |
GND [Cout: 10uF]
|
GND
```
---
### 5. Common Use Cases
* **Mobile Handsets:** Powering low-voltage processor cores.
* **Wearables:** Smartwatches and fitness trackers due to the tiny WLCSP footprint.
* **Portable Medical Devices:** Where high efficiency and small size are mandatory.
* **Post-Regulation:** Converting 3.3V or 5V rails down to 1.0V for FPGAs or DSPs.
---
- ⤷What is the maximum efficiency of the ADP2108 at a 1.0V output?
- ⤷ What are the recommended values for the inductor and output capacitor?
- ⤷ Can the EN pin be tied directly to VIN for constant operation?