ADP2108ACBZ-1.3-R7
AI

The **ADP2108ACBZ-1.3-R7** is a high-efficiency, low-quiescent current, step-down (buck) DC-to-DC converter manufactured by Analog Devices. It is specifically designed for portable applications where space and battery life are critical.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Output Voltage** | Fixed at **1.3 V** |
| **Continuous Output Current** | 600 mA |
| **Switching Frequency** | 3 MHz |
| **Package Type** | WLCSP (Wafer Level Chip Scale Package) |
| **Number of Balls** | 5-ball |
| **Efficiency** | Up to 95% |
---
### 2. Core Functional Components
The internal architecture of the ADP2108 consists of several integrated electronic stages:
1. **Control Logic & PWM Modulator**: Operates at 3 MHz, allowing for the use of very small external inductors and capacitors. It uses a proprietary control scheme for fast transient response.
2. **Power Switches**: Integrated high-side P-channel MOSFET and low-side N-channel MOSFET, eliminating the need for an external Schottky diode.
3. **Error Amplifier**: Compares the internal 0.5V reference against the divided-down output voltage to maintain regulation.
4. **Soft Start Circuit**: Reduces inrush current during startup to protect the battery and the device.
5. **Protection Circuits**:
* **Overcurrent Protection**: Prevents damage during short circuits.
* **Thermal Shutdown**: Turns off the device if it exceeds safe operating temperatures.
* **Undervoltage Lockout (UVLO)**: Ensures the device doesn't operate below 2.3V.
---
### 3. Application Design
Because of its high switching frequency, the ADP2108 requires minimal external components, typically only four:
* **Input Capacitor ($C_{IN}$)**: Typically 4.7 µF ceramic.
* **Output Capacitor ($C_{OUT}$)**: Typically 4.7 µF or 10 µF ceramic.
* **Inductor ($L$ )**: A small 1.0 µH or 2.2 µH inductor.
* **Enable Pin ($EN$)**: Allows for digital control to turn the regulator on or off.
---
### 4. Part Number Breakdown
The suffixing in `ADP2108ACBZ-1.3-R7` provides specific details:
* **ADP2108**: Product Family.
* **A**: Operating Temperature Range (-40°C to +125°C).
* **CBZ**: WLCSP Package, RoHS compliant.
* **1.3**: Fixed 1.3V Output.
* **R7**: 7-inch Tape and Reel (3,000 units).
---
- ⤷
What are the advantages of a 3 MHz switching frequency in this buck converter?
- ⤷ How does the Power Saving Mode (PSM) work in the ADP2108 series?
- ⤷ Can you provide a typical application circuit diagram for this part?