ADP2120ACPZ-2.5-R7
AI

The **ADP2120ACPZ-2.5-R7** is a high-efficiency, synchronous step-down (buck) DC-to-DC regulator manufactured by Analog Devices. It is designed for compact applications requiring a fixed output voltage and high power density.
---
### 1. Key Technical Specifications
| Parameter | Value / Range |
| :--- | :--- |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Output Voltage (Fixed)** | 2.5 V |
| **Continuous Output Current** | 1.25 A |
| **Switching Frequency** | 1.2 MHz |
| **Package Type** | 10-lead LFCSP (3mm x 3mm) |
| **Efficiency** | Up to 95% |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Functional Components
This IC integrates several critical electronic sections into a single chip:
* **Synchronous Rectification:** Unlike standard buck converters that use an external Schottky diode, the ADP2120 integrates both a high-side P-channel MOSFET and a low-side N-channel MOSFET. This reduces power loss and simplifies PCB design.
* **PWM Control Loop:** It operates on a current-mode Pulse Width Modulation (PWM) scheme. This provides excellent line and load transient response.
* **Internal Compensation:** The device features internal compensation, which reduces the number of external components (capacitors/resistors) needed to stabilize the feedback loop.
* **Safety Features:**
* **Overcurrent Protection:** Prevents damage during short circuits.
* **Thermal Shutdown:** Shuts the device off if the junction temperature exceeds safe limits.
* **Undervoltage Lockout (UVLO):** Ensures the device only operates when the input voltage is high enough for stable performance.
---
### 3. Pinout Description
The 10-lead LFCSP package utilizes the following primary pins:
1. **VIN:** Input supply voltage.
2. **SW:** Switching node (connects to the external inductor).
3. **GND:** System ground.
4. **FB (Feedback):** For fixed versions, this is used to sense the output voltage.
5. **EN:** Enable input. High = On, Low = Off.
6. **PGOOD:** Power Good indicator (open-drain output).
---
### 4. Part Number Breakdown
Understanding the suffix codes for ordering:
* **ADP2120:** Base model number.
* **ACPZ:** "A" (Temperature range), "CP" (LFCSP package), "Z" (RoHS compliant).
* **2.5:** Fixed output voltage of 2.5 Volts.
* **R7:** Tape and Reel packaging (7-inch reel).
---
### 5. Application Circuit Overview
To create a functional power supply with this chip, you typically only need:
1. One **Inductor** (usually 1.0 µH to 2.2 µH).
2. Two **Ceramic Capacitors** (Input and Output decoupling).
3. An optional resistor for the **PGOOD** pull-up.
- ⤷
What are the main advantages of using a synchronous regulator over a non-synchronous one?
- ⤷ How does the 1.2 MHz switching frequency affect the choice of external components?
- ⤷ Can this IC be used for battery-powered applications?