ADP2120ACPZ-3.3-R7
AI

The **ADP2120ACPZ-3.3-R7** is a high-efficiency, constant-frequency, current-mode control, step-down (buck) DC-to-DC regulator manufactured by Analog Devices. It is designed for compact applications requiring a stable 3.3V output.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Output Voltage (Fixed)** | 3.3 V |
| **Continuous Output Current** | 1.25 A |
| **Switching Frequency** | 1.2 MHz |
| **Package** | 10-lead LFCSP (3mm x 3mm) |
| **Operating Temperature** | -40°C to +125°C |
| **Efficiency** | Up to 95% |
---
### 2. Core Functional Components
The internal architecture of the ADP2120 consists of several critical electronic blocks:
* **Integrated Power MOSFETs**: It contains an internal high-side P-channel switch and a low-side N-channel synchronous rectifier. This eliminates the need for an external Schottky diode, reducing part count and increasing efficiency.
* **Current-Mode Control Loop**: Provides excellent line and load transient response. It uses a pulse-width modulation (PWM) scheme at 1.2 MHz, which allows the use of small surface-mount inductors and capacitors.
* **Internal Compensation**: The device is internally compensated, simplifying the design process for the engineer by reducing the number of external passive components required.
* **Precision Enable (EN)**: A high-impedance input that allows the chip to be turned on or off. It can also be used to program an undervoltage lockout (UVLO) threshold via a resistor divider.
---
### 3. Protection Features
The ADP2120 includes several safety mechanisms to ensure the longevity of the circuit:
1. **Overcurrent Protection**: Limits the peak current through the high-side switch to prevent damage during short circuits.
2. **Thermal Shutdown (TSD)**: If the die temperature exceeds ~150°C, the device shuts down until it cools.
3. **Undervoltage Lockout (UVLO)**: Ensures the device does not attempt to operate when the input voltage is too low to drive the internal MOSFETs effectively.
4. **Soft Start**: An internal soft-start circuit limits the inrush current during startup to prevent voltage overshoots.
---
### 4. Typical Application Circuit
To use this part, you typically need only four external components:
```text
Input (2.3V-5.5V) ----[Cin]----[ADP2120]----[Inductor]----[Cout]---- Output (3.3V)
|
[GND]
```
* **Inductor (L):** Usually 1.0 µH to 2.2 µH for the 1.2 MHz frequency.
* **Input/Output Capacitors (C):** Ceramic capacitors (X5R or X7R) are recommended for low ESR and stability.
- ⤷
What are the main differences between the ADP2120 and the ADP2119?
- ⤷ Can the output voltage be adjusted on this specific model?
- ⤷ What is the significance of the R7 suffix in the part number?