ADP2138ACBZ-1.5-R7
AI

The **ADP2138ACBZ-1.5-R7** is a high-efficiency, low quiescent current, step-down (buck) DC-to-DC converter manufactured by Analog Devices. It is designed for portable applications where space and power efficiency are critical.
---
## 1. Key Specifications
The following table summarizes the primary electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices |
| **Output Voltage** | 1.5 V (Fixed) |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Output Current** | 800 mA (Maximum) |
| **Switching Frequency** | 3 MHz |
| **Package Type** | 6-ball WLCSP (Wafer Level Chip Scale Package) |
| **Operating Temperature** | -40°C to +125°C |
---
## 2. Core Features
The ADP2138 series is popular in mobile electronics due to several advanced internal features:
* **High Efficiency:** Uses a synchronous rectification internal switch to achieve up to 95% efficiency, extending battery life.
* **3 MHz Switching Frequency:** The high frequency allows the use of tiny, low-profile inductors and ceramic capacitors, reducing the overall PCB footprint.
* **Power Saving Mode:** Automatically switches from PWM (Pulse Width Modulation) to PSM (Power Save Mode) at light loads to maintain high efficiency.
* **Internal Compensation:** Simplifies the design process by minimizing the need for external components.
* **Protection Circuitry:** Includes undervoltage lockout (UVLO), soft start, thermal shutdown, and short-circuit protection.
---
## 3. Pin Configuration & Application
The device is housed in a very small **0.5 mm pitch WLCSP** package. Below is a typical application schematic overview:
### Typical Component Values
| Component | Recommended Value |
| :--- | :--- |
| **Input Capacitor ($C_{IN}$)** | 4.7 µF (Ceramic) |
| **Output Capacitor ($C_{OUT}$)** | 10 µF (Ceramic) |
| **Inductor ($L$)** | 1.0 µH |
### Common Applications
1. **Mobile Phones:** Powering baseband processors or I/O rails.
2. **Wearables:** Smartwatches and fitness trackers requiring small footprints.
3. **Digital Cameras:** Powering image sensors or internal logic.
4. **Portable Medical Devices:** Handheld diagnostic tools.
---
## 4. Part Number Breakdown
Understanding the suffix codes helps in procurement:
* **ADP2138:** Base model number.
* **ACBZ:** Package code (WLCSP).
* **1.5:** Fixed output voltage (1.5 Volts).
* **R7:** Packaging format (7-inch reel, typically containing 3,000 units).
- ⤷
What are the main differences between the ADP2138 and ADP2139 models?
- ⤷ Can this regulator be used with an input voltage higher than 5.5V?
- ⤷ What are the layout considerations for a 3 MHz switching regulator?