ADP2147ACBZ-130-R7
AI

The **ADP2147ACBZ-130-R7** is a high-efficiency, step-down (buck) switching regulator manufactured by Analog Devices. It is specifically designed for portable devices where space is limited and power efficiency is critical.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the ADP2147ACBZ-130-R7:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Output Voltage (Fixed)** | 1.3 V |
| **Maximum Output Current** | 800 mA |
| **Switching Frequency** | 3 MHz |
| **Package Type** | WLCSP (6-ball) |
| **Efficiency** | Up to 95% |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Functional Components
The internal architecture of this part consists of several critical electronic sections:
* **Internal Power Switches:** It integrates a high-side P-channel MOSFET and a low-side N-channel MOSFET, eliminating the need for an external Schottky diode.
* **Control Logic (PWM/PSM):**
* **PWM Mode:** At high loads, it operates at a constant 3 MHz frequency to minimize output ripple and electromagnetic interference (EMI).
* **PSM (Power Save Mode):** At light loads, it automatically switches to pulse-skipping to maintain high efficiency and conserve battery life.
* **Protection Circuitry:** Includes thermal shutdown (TSD) and overcurrent protection to prevent damage during fault conditions.
* **Soft Start:** An internal soft-start circuit limits the inrush current during startup.
---
### 3. Application and Usage
Due to its high switching frequency (3 MHz), this part allows the use of very small inductors (typically 1.0 µH) and multilayer ceramic capacitors, saving significant PCB real estate.
**Common Applications:**
1. **Mobile Handsets:** Powering baseband processors or I/O rails.
2. **Portable Medical Equipment:** Devices requiring stable 1.3V rails from a Li-Ion battery.
3. **Wearables:** Where the WLCSP (Wafer Level Chip Scale Package) footprint is essential.
---
### 4. Part Number Breakdown
The suffixing provides information about the packaging and output configuration:
* **ADP2147:** Base model number.
* **ACBZ:** Package code (WLCSP).
* **130:** Fixed output voltage (1.30V).
* **R7:** Tape and reel packaging (7-inch reel).
- ⤷What are the recommended external inductor and capacitor values for this regulator?
- ⤷ How does the Power Save Mode (PSM) affect output ripple compared to PWM mode?
- ⤷ Are there adjustable output versions of the ADP2147 series?