ADP2165ACPZ-3.3-R7
AI

The **ADP2165ACPZ-3.3-R7** is a high-efficiency, step-down (buck) DC-to-DC regulator manufactured by Analog Devices. It is specifically designed to provide a constant 3.3V output for high-current applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Input Voltage Range** | 2.7 V to 5.5 V |
| **Fixed Output Voltage** | 3.3 V |
| **Continuous Output Current** | 5 A |
| **Switching Frequency** | 250 kHz to 1.4 MHz (Resistor Programmable) |
| **Efficiency** | Up to 96% |
| **Package Type** | 24-lead LFCSP (Lead Frame Chip Scale Package) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Electronic Components & Features
The ADP2165 integrates several critical components into a single silicon die to reduce the PCB footprint:
#### A. Internal MOSFETs
It utilizes integrated high-side and low-side N-channel Power MOSFETs. This synchronous rectification eliminates the need for an external Schottky diode, significantly improving efficiency at high loads.
#### B. Control Loop Architecture
* **Current Mode Control:** The device uses a peak current mode, constant frequency PWM control scheme. This ensures excellent line and load transient response and simplifies the compensation network.
* **Clock Synchronization:** It can be synchronized to an external clock, which is vital for reducing system noise in multi-rail designs.
#### C. Protection Circuits
* **Overcurrent Protection (OCP):** Monitors the peak inductor current to prevent damage during short circuits.
* **Thermal Shutdown:** Automatically turns off the device if the internal junction temperature exceeds safety limits.
* **Undervoltage Lockout (UVLO):** Prevents the device from operating until the input voltage is high enough for stable performance.
---
### 3. Application Circuit Components
To build a functional power supply with this IC, you generally need the following external parts:
1. **Inductor ($L$):** Typically 0.47 $\mu$H to 1.5 $\mu$H, rated for at least 6A-7A.
2. **Input/Output Capacitors ($C_{in}/C_{out}$):** Multilayer Ceramic Capacitors (MLCC) are recommended for low ESR and high ripple current handling.
3. **Resistors:** Needed for setting the switching frequency ($R_T$) and the soft-start time.
---
### 4. Part Number Breakdown
* **ADP2165:** Base Model Number.
* **ACPZ:** Package indicator (LFCSP, RoHS compliant).
* **3.3:** Indicates a Fixed 3.3V output version.
* **R7:** Packaging format (7-inch Tape and Reel, typically 1500 units).
- ⤷
What is the recommended inductor value for a 1MHz switching frequency with this chip?
- ⤷ Can the ADP2165 operate in power-save mode for light loads?
- ⤷ How does the fixed 3.3V version differ from the adjustable version in terms of pinout?