ADP221ACBZ-1818-R7
AI

The **ADP221ACBZ-1818-R7** is a high-performance, dual-output, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for space-constrained applications that require high power supply rejection and low noise.
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | Fixed |
| **Output Voltage** | 1.8V (Output 1) / 1.8V (Output 2) |
| **Input Voltage Range** | 2.5V to 5.5V |
| **Output Current** | 200 mA per channel |
| **Dropout Voltage** | ~150 mV at 200 mA |
| **PSRR** | 68 dB at 1 kHz |
| **Package** | 6-ball WLCSP (Wafer Level Chip Scale Package) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Functional Features
* **Dual Output:** It provides two independent 1.8V rails, allowing for simplified power routing in complex digital systems.
* **Low Quiescent Current:** It draws very little power when active (approx. 45 µA with both LDOs active), which is critical for extending battery life in mobile devices.
* **High PSRR (Power Supply Rejection Ratio):** It effectively filters out noise from the input power source, making it ideal for noise-sensitive analog circuits or RF stages.
* **Safety Protections:** It includes internal thermal shutdown and current-limit protection to prevent device failure during fault conditions.
* **Soft Start:** It features an internal soft-start to limit inrush current during startup.
---
### 3. Pin Configuration (Typical WLCSP)
Because this is a 6-ball BGA/WLCSP package, the footprint is extremely small. The typical pinout includes:
1. **VIN:** Input voltage supply.
2. **GND:** Ground reference.
3. **EN1 / EN2:** Independent enable pins for each output.
4. **VOUT1 / VOUT2:** Regulated 1.8V outputs.
---
### 4. Applications
This part is commonly found in:
* **Mobile Handsets:** Powering baseband processors or memory.
* **Digital Cameras:** Regulating power for image sensors.
* **Portable Medical Devices:** Where small form factor and reliability are paramount.
* **IoT Sensors:** Providing stable 1.8V rails for microcontrollers and wireless modules.
- ⤷
What are the recommended capacitor values for the input and output of the ADP221?
- ⤷ How does the WLCSP package affect the thermal management of this LDO?
- ⤷ Is there a version of the ADP221 with adjustable output voltages?