Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADP222ACPZ-1815-R7

  • AI
    ### Overview of ADP222ACPZ-1815-R7 The **ADP222ACPZ-1815-R7** is a dual-output, low quiescent current, low dropout linear regulator (LDO) manufactured by **Analog Devices**. It is designed specifically for portable and battery-operated applications where space and power efficiency are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Type** | Fixed | | **Number of Outputs** | 2 | | **Output Voltage 1** | 1.8 V | | **Output Voltage 2** | 1.5 V | | **Input Voltage (Max)** | 5.5 V | | **Output Current (Per Channel)** | 300 mA | | **Package / Case** | LFCSP-8 (2mm x 2mm) | | **Dropout Voltage** | ~170 mV @ 300 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Features * **Dual Independent Regulation:** The device provides two separate output voltages (1.8V and 1.5V) from a single input source, reducing the need for multiple discrete components. * **High PSRR:** It features a high Power Supply Rejection Ratio (PSRR) of approximately **68 dB at 1 kHz**, making it excellent for filtering noise from upstream switching power supplies. * **Low Quiescent Current:** It consumes very little power (~42 µA with both LDOs active), which extends battery life in mobile devices. * **Stability:** The device is stable with small, low-ESR ceramic capacitors (1 µF), allowing for a tiny PCB footprint. * **Safety Features:** * *Thermal Overload Protection:* Prevents damage due to overheating. * *Short-Circuit Protection:* Limits current in case of a fault. --- ### 3. Pinout and Internal Logic The LFCSP-8 package is a lead-frame chip scale package with an exposed pad for thermal dissipation. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Regulator Input Supply. | | 2 | **EN1** | Enable Input for LDO1 (Active High). | | 3 | **EN2** | Enable Input for LDO2 (Active High). | | 4 | **GND** | Ground. | | 5 | **VOUT2** | Regulated Output Voltage 2 (1.5V). | | 6 | **NC** | No Connection. | | 7 | **VOUT1** | Regulated Output Voltage 1 (1.8V). | | 8 | **NC** | No Connection. | | EP | **PAD** | Exposed Pad (Connect to GND for thermal management). | --- ### 4. Typical Applications * **Mobile Phones:** Powering baseband processors or I/O rails. * **Digital Cameras:** Low-noise power for image sensors. * **Portable Medical Devices:** High-efficiency regulation for sensors. * **Wireless Modules:** Providing stable 1.8V/1.5V rails for Bluetooth or Wi-Fi chips. ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using an LDO over a Buck converter for these specific voltages?
    • ⤷ Can the EN1 and EN2 pins be tied together for simultaneous startup?
    • ⤷ What is the recommended value and type for the input and output capacitors?