Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADP2300AUJZ-R2

  • AI
    The **ADP2300AUJZ-R2** is a compact, non-isolated step-down (buck) switching regulator manufactured by Analog Devices. It is designed for applications requiring high efficiency and a small circuit footprint. --- ## 1. Key Specifications The following table highlights the primary technical parameters of the ADP2300AUJZ-R2: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 3.0 V to 20 V | | **Output Voltage Range** | Adjustable (0.8 V to 0.85 × Vin) | | **Continuous Output Current** | 1.2 A | | **Switching Frequency** | 700 kHz (Fixed) | | **Package Type** | TSOT-23 (6-lead) | | **Efficiency** | Up to 91% | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Core Functional Components To understand the electronic "parts" within and surrounding this IC, we can categorize them as follows: ### Internal Architecture * **Power MOSFET:** Includes an integrated high-side P-channel MOSFET, which eliminates the need for an external bootstrap capacitor. * **Control Logic:** Uses a current-mode PWM (Pulse Width Modulation) control scheme for excellent line and load transient response. * **Protection Circuitry:** Contains built-in thermal shutdown (TSD), overcurrent protection (OCP), and undervoltage lockout (UVLO). ### Required External Components To create a functional power supply using the ADP2300, the following external parts are required: 1. **Inductor (L):** Usually between 4.7µH and 22µH to store energy during the switching cycle. 2. **Input/Output Capacitors (Cin/Cout):** Ceramic capacitors are recommended to filter noise and stabilize voltage. 3. **Schottky Diode (D):** Required as a catch diode for the asynchronous rectification. 4. **Resistor Divider (R1/R2):** Connected to the **FB (Feedback)** pin to set the desired output voltage. --- ## 3. Pin Configuration The device uses a 6-pin TSOT package, mapped as follows: | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **BST** | Bootstrap pin (used for high-side gate drive). | | 2 | **GND** | Ground reference. | | 3 | **FB** | Feedback input to regulate output voltage. | | 4 | **EN** | Enable input. Logic high turns the device on. | | 5 | **VIN** | Input power supply pin. | | 6 | **SW** | Switch node output; connects to inductor and diode. | --- ## 4. Typical Application Use Cases * **Industrial Automation:** Distributed power systems and point-of-load regulation. * **Consumer Electronics:** Set-top boxes, routers, and portable devices. * **Intermediate Bus Conversion:** Converting 12V or 5V rails down to lower voltages (3.3V, 1.8V, etc.) for microprocessors. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADP2300 and the ADP2301?
    • ⤷ How do I calculate the resistor values for a specific output voltage?
    • ⤷ What is the recommended layout strategy to minimize EMI with this chip?