ADP2302ARDZ-5.0-R7
AI

The **ADP2302ARDZ-5.0-R7** is a high-efficiency, monolithic, synchronous step-down (buck) DC-to-DC regulator. It is designed to convert a higher input voltage into a stable 5.0V output while handling up to 2A of continuous load current.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 3.0V to 20V |
| **Output Voltage (Fixed)** | 5.0V |
| **Continuous Output Current** | 2.0A |
| **Switching Frequency** | 700 kHz |
| **Efficiency** | Up to 94% |
| **Package Type** | 8-Lead SOIC with Exposed Pad (SOIC_N_EP) |
| **Topology** | Non-Isolated Synchronous Buck |
---
### 2. Core Features and Components
The device integrates several critical electronic components and logic circuits inside the 8-pin package:
* **Integrated Power MOSFETs:** It contains a high-side P-channel MOSFET and a low-side N-channel MOSFET. Since it is a synchronous regulator, it uses an internal switch rather than an external Schottky diode to improve efficiency.
* **Internal Compensation:** The compensation circuitry is built-in, which reduces the number of external components (resistors/capacitors) needed to stabilize the feedback loop.
* **Precision Enable (EN) Input:** Allows for controlled power-up sequencing. The threshold is precise enough to be used as a programmable UVLO (Under-Voltage Lockout).
* **Protection Circuitry:**
* **Overcurrent Protection (OCP):** Prevents damage during short circuits.
* **Thermal Shutdown (TSD):** Shuts off the device if the internal temperature exceeds safe limits.
* **Under-Voltage Lockout (UVLO):** Ensures the chip doesn't operate when the input voltage is too low to drive the MOSFETs reliably.
---
### 3. Application Circuit Components
To make the ADP2302ARDZ-5.0-R7 functional, the following external electronic parts are typically required:
1. **Input Capacitor ($C_{IN}$):** Typically a 10µF or 22µF ceramic capacitor to filter input noise.
2. **Inductor ($L$):** Usually between 4.7µH and 10µH, rated for at least 3A to handle the peak currents.
3. **Output Capacitor ($C_{OUT}$):** Ceramic capacitors (e.g., 22µH or 47µH) to maintain a smooth 5.0V output.
4. **Bootstrap Capacitor ($C_{BST}$):** A small 0.1µF capacitor required to provide the gate drive voltage for the high-side switch.
---
### 4. Part Number Breakdown
The suffixing follows Analog Devices' standard naming convention:
| Part Segment | Meaning |
| :--- | :--- |
| **ADP2302** | Base model number (2A Buck Regulator) |
| **ARDZ** | Package code (RoHS compliant SOIC with Exposed Pad) |
| **5.0** | Fixed 5.0V Output Voltage version |
| **R7** | Tape and Reel packaging (7-inch reel) |
- ⤷
What are the main differences between the fixed 5.0V version and the adjustable ADP2302 version?
- ⤷ How does the exposed pad on the SOIC package affect PCB thermal management?
- ⤷ What is the recommended inductor value for a 12V to 5V conversion using this chip?