AI

The **ADP2303ARDZ-2.5-R7** is a high-efficiency, monolithic, step-down (buck) DC-to-DC regulator manufactured by Analog Devices. It is designed for compact applications requiring a fixed output voltage from a wide input range.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 3.0 V to 20 V |
| **Fixed Output Voltage** | 2.5 V |
| **Output Current** | Up to 3 A |
| **Switching Frequency** | 700 kHz |
| **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) |
| **Operating Temperature** | -40°C to +125°C |
| **Topology** | Non-synchronous Step-Down |
---
### 2. Core Functional Components
The device integrates several critical electronic structures into a single chip:
* **Power MOSFET:** It contains an integrated high-side P-channel power MOSFET, which eliminates the need for an external bootstrap capacitor.
* **Current-Mode Control:** It uses a fixed-frequency, current-mode control scheme. This provides excellent line and load transient response and simplifies the compensation loop.
* **Internal Loop Compensation:** Most of the compensation circuitry is internal, reducing the number of external components (resistors/capacitors) needed for stability.
* **Precision Enable:** A threshold-sensitive enable pin allows the device to be used for power sequencing or as a programmable UVLO (Under Voltage Lockout).
---
### 3. Application Circuit & Hardware Requirements
To function, the ADP2303 requires a few essential external electronic parts:
1. **Inductor:** Typically 4.7 µH to 10 µH, used for energy storage.
2. **Schottky Diode:** Since it is non-synchronous, an external "catch" diode is required to provide a path for the inductor current when the internal switch is off.
3. **Input/Output Capacitors:** Low ESR ceramic capacitors are recommended to minimize voltage ripple.
4. **Exposed Pad (Thermal):** The "EP" in the package description is critical; it must be soldered to the PCB ground plane to dissipate heat.
---
### 4. Part Number Breakdown
Understanding the suffix codes:
* **ARDZ:** "A" denotes the version, "RD" refers to the SOIC package, and "Z" indicates RoHS compliance (lead-free).
* **2.5:** Indicates the internal resistor divider is set for a fixed **2.5V output**.
* **R7:** Specifies the packaging format, which is **7-inch Tape and Reel** (typically 1,000 units).
---
- ⤷
What are the main differences between the ADP2302 and the ADP2303?
- ⤷ How do I calculate the thermal dissipation for the SOIC_N_EP package?
- ⤷ Can the ADP2303ARDZ-2.5-R7 be adjusted to a different output voltage?