ADP2311ACPZ-4-R7
AI

## Overview of ADP2311ACPZ-4-R7
The **ADP2311ACPZ-4-R7** is a high-efficiency, dual output, synchronous step-down (buck) DC-to-DC regulator. It is designed to provide a compact power solution for systems requiring multiple voltage rails, such as telecommunications, industrial equipment, and consumer electronics.
---
### 1. Key Technical Specifications
| Parameter | Value / Range |
| :--- | :--- |
| **Input Voltage Range** | 4.5 V to 18 V |
| **Output Current** | 1 A per channel (Dual Channel) |
| **Output Voltage Range** | Adjustable from 0.8 V to 0.8 × $V_{IN}$ |
| **Switching Frequency** | Fixed at 700 kHz |
| **Package Type** | 24-lead LFCSP (4mm x 4mm) |
| **Operating Temperature** | -40°C to +125°C |
| **Topology** | Current-mode architecture |
---
### 2. Major Electronic Features
* **Synchronous Rectification:** Both channels integrate high-side and low-side power MOSFETs. This eliminates the need for external Schottky diodes, improving efficiency and reducing board space.
* **Out-of-Phase Operation:** The two channels operate $180^\circ$ out of phase. This reduces the input ripple current and the size of the required input capacitance.
* **Independent Precision Enable:** Each channel has its own enable pin, allowing for specific power-up sequencing.
* **Internal Soft Start:** Prevents inrush current during startup to protect the internal circuitry and the load.
* **Protection Mechanisms:**
* **OCP:** Overcurrent protection (hiccup mode).
* **UVLO:** Undervoltage lockout.
* **TSD:** Thermal shutdown.
---
### 3. Pin Configuration Highlights
| Pin Name | Function |
| :--- | :--- |
| **PVIN1 / PVIN2** | Power input for each respective buck regulator. |
| **SW1 / SW2** | Switching nodes connected to external inductors. |
| **FB1 / FB2** | Feedback pins used to set the output voltage via a resistor divider. |
| **EN1 / EN2** | Enable inputs; high logic turns the channel on. |
| **PGOOD** | Power-good output (open-drain) to signal that the output is within regulation. |
| **EP (Exposed Pad)** | Must be soldered to the PCB ground plane for thermal dissipation. |
---
### 4. Typical Application Circuit
To use this part, you generally require the following external components:
1. **Inductors:** To store energy during the switching cycle.
2. **Input/Output Capacitors:** Ceramic capacitors for filtering and stability.
3. **Resistor Dividers:** Connected to the FB pins to set the specific DC output voltage levels.
```python
# Example calculation for Output Voltage (Vout)
# Vout = 0.8V * (1 + R1 / R2)
# Where R1 is the top resistor and R2 is the bottom resistor in the divider.
```
---
- ⤷
What are the advantages of 180-degree out-of-phase switching in this chip?
- ⤷ How do I calculate the inductor value for the ADP2311?
- ⤷ What is the difference between the -1
- ⤷ -2
- ⤷ -3
- ⤷ and -4 suffixes for this series?