ADP2370ACPZ-3.0-R7
AI

## Technical Overview of ADP2370ACPZ-3.0-R7
The **ADP2370ACPZ-3.0-R7** is a high-efficiency, low quiescent current, step-down (buck) DC-to-DC regulator manufactured by Analog Devices. It is designed for applications where power conservation and space are critical.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 3.2 V to 15 V |
| **Fixed Output Voltage** | 3.0 V |
| **Output Current** | 800 mA (Maximum) |
| **Quiescent Current** | 14 µA (Typical, No Load) |
| **Switching Frequency** | 600 kHz or 1.2 MHz (Selectable) |
| **Package Type** | 8-Lead LFCSP (3mm x 3mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Functional Electronic Components
The device integrates several critical electronic sub-systems within its silicon architecture:
* **Integrated Power MOSFET:** Includes a high-side P-channel switch, allowing for 100% duty cycle (low dropout mode) when the battery voltage drops near the output voltage.
* **Synchronous Rectification:** Uses an internal N-channel MOSFET for rectification, eliminating the need for an external Schottky diode and improving efficiency.
* **PWM/PSM Controller:**
* **PWM Mode:** Operates at a constant frequency for low noise.
* **Power Save Mode (PSM):** Automatically switches to pulse-skipping at light loads to maintain high efficiency.
* **Precision Enable (EN):** A high-accuracy threshold allows the part to be used for programmable UVLO (Under Voltage Lock Out).
* **Power Good (PG) Pin:** An open-drain output that signals when the output voltage is within 90% of its nominal value.
---
### 3. Application Circuit Components
To implement this part in a design, the following external passive components are required:
```yaml
Components:
Inductor (L1): Typically 4.7µH to 10µH (depending on frequency)
Input Capacitor (Cin): 10µF Ceramic (low ESR)
Output Capacitor (Cout): 22µF Ceramic (low ESR)
Soft-Start Capacitor (Css): Optional, used to program the startup time
```
---
### 4. Typical Use Cases
* **Portable Medical Devices:** Due to low power consumption and small footprint.
* **Industrial Sensors:** Capable of handling up to 15V inputs (e.g., 12V rails).
* **Battery-Powered Equipment:** Ideal for Li-Ion or multi-cell Alkaline applications.
---
- ⤷
What are the main differences between the ADP2370 and ADP2371 models?
- ⤷ How do I calculate the inductor value for this regulator at 1.2 MHz?
- ⤷ Does this part require an external diode for synchronous rectification?