ADP2370ACPZ-3.3-R7
AI

## Overview of the ADP2370ACPZ-3.3-R7
The **ADP2370ACPZ-3.3-R7** is a high-efficiency, low quiescent current, step-down (buck) DC-to-DC regulator manufactured by Analog Devices. It is designed for applications where power efficiency and space constraints are critical, such as battery-powered portable devices.
---
### Technical Specifications
The following table summarizes the key electrical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 3.3 V (Fixed) |
| **Input Voltage Range** | 3.2 V to 15 V |
| **Output Current** | 800 mA (Maximum) |
| **Switching Frequency** | Selectable: 600 kHz or 1.2 MHz |
| **Quiescent Current** | 14 µA (Typical in No-Load condition) |
| **Efficiency** | Up to 95% |
| **Package Type** | LFCSP-8 (3mm x 3mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### Key Features and Electronic Components
The ADP2370 integrates several internal components and features to simplify circuit design:
1. **Integrated Power MOSFET:** Includes a high-side P-channel switch and a low-side N-channel synchronous rectifier, eliminating the need for an external Schottky diode.
2. **Pulse-Width Modulation (PWM) & Power Saving Mode (PSM):**
* **PWM Mode:** Used for high-load conditions to provide low output ripple.
* **PSM Mode:** Automatically engages at light loads to reduce switching losses and extend battery life.
3. **SYNC Input:** Allows the regulator to be synchronized to an external clock, which is useful for managing EMI (Electromagnetic Interference) in multi-rail systems.
4. **Power Good (PG) Pin:** An open-drain output that signals when the output voltage is within its regulation window.
---
### Typical Application Circuit Requirements
To implement this part in a design, the following external passive components are typically required:
* **Inductor ($L$):** Usually between $1.0\mu H$ and $10\mu H$, depending on the chosen switching frequency.
* **Input Capacitor ($C_{IN}$):** A ceramic capacitor (typically $10\mu F$) to handle the input ripple current.
* **Output Capacitor ($C_{OUT}$):** A low-ESR ceramic capacitor (typically $22\mu F$) to maintain voltage stability.
---
### Pin Configuration (LFCSP-8)
| Pin No. | Name | Function |
| :--- | :--- | :--- |
| 1 | VIN | Input Voltage Supply |
| 2 | SW | Switching Node (Connects to Inductor) |
| 3 | GND | Ground |
| 4 | VOUT | Output Voltage Feedback/Sensing |
| 5 | PG | Power Good Indicator |
| 6 | SYNC/MODE | External Clock Sync / Mode Selection |
| 7 | EN | Enable Pin (High = On, Low = Off) |
| 8 | BST | Bootstrap Pin (For High-side Driver) |
---
- ⤷
What are the main differences between the ADP2370 and ADP2371?
- ⤷ How do I calculate the optimal inductor value for this regulator?
- ⤷ What are the thermal considerations for the LFCSP-8 package at 800mA?