ADP2503ACPZ-2.8-R7
AI

The **ADP2503ACPZ-2.8-R7** is a high-efficiency, low quiescent current step-down/step-up (Buck-Boost) DC-to-DC converter manufactured by Analog Devices. It is specifically designed for applications where the input voltage can be higher than, equal to, or lower than the regulated output voltage.
---
### ## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 2.8 V |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Output Current** | Up to 600 mA |
| **Switching Frequency** | 2.5 MHz |
| **Package / Case** | 10-WFDFN Exposed Pad (LFCSP) |
| **Efficiency** | Up to 95% |
| **Operating Temperature** | -40°C to +125°C |
---
### ### Key Features
1. **Seamless Transition:** The device uses a proprietary architecture that allows for a smooth transition between buck (step-down) and boost (step-up) modes without output glitches.
2. **High Frequency:** Operating at 2.5 MHz allows for the use of tiny, low-profile inductors and ceramic capacitors, reducing the overall PCB footprint.
3. **Power Saving Mode:** It features a selectable "Power Save Mode" (PSM) which increases efficiency during light load conditions by reducing switching frequency.
4. **Protection Circuits:** Includes internal compensation, soft start, over-temperature protection, and current limit protection.
---
### ### Pin Configuration Summary
| Pin Name | Function |
| :--- | :--- |
| **VIN** | Input Voltage Source. |
| **VOUT** | Regulated Output Voltage (2.8V). |
| **SW1 / SW2** | Switching nodes connected to the inductor. |
| **GND** | Ground reference. |
| **EN** | Enable input. Drive high to turn on the device. |
| **MODE** | Logic input to toggle between PWM-only or Power Save Mode. |
---
### ### Typical Application Circuit
To implement this part, a basic external circuit is required:
```mermaid
graph LR
Vin(Input 2.3-5.5V) --> Cin[Input Capacitor]
Cin --> ADP2503
ADP2503 <--> L1[Inductor 1.0uH]
ADP2503 --> Cout[Output Capacitor]
Cout --> Vout(2.8V Output)
```
1. **Inductor:** Typically a 1.0 µH or 1.5 µH inductor.
2. **Capacitors:** Low ESR ceramic capacitors (typically 10 µF) are recommended for both input and output filtering to minimize ripple.
---
- ⤷
What are the main differences between the ADP2503 and the ADP2504 series?
- ⤷ Can this part handle peak currents higher than 600mA?
- ⤷ What is the significance of the 'R7' suffix in the part number?