ADP2503ACPZ-3.3-R71
AI

## ADP2503ACPZ-3.3-R71: Technical Overview
The **ADP2503ACPZ-3.3-R71** is a high-efficiency, low quiescent current buck-boost DC-to-DC converter produced by Analog Devices. It is specifically designed for applications where the input voltage can be higher than, lower than, or equal to the desired output voltage.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Output Voltage** | 3.3V (Fixed) |
| **Input Voltage Range** | 2.3V to 5.5V |
| **Output Current** | Up to 600 mA |
| **Switching Frequency** | 2.5 MHz |
| **Package** | 10-lead LFCSP (3mm x 3mm) |
| **Efficiency** | Up to 95% |
---
### 2. Core Features
* **Seamless Transitions:** Automatically switches between buck (step-down) and boost (step-up) modes without output glitches.
* **Power Saving Mode:** Features a selectable Power Saving Mode (PSM) to maintain high efficiency during light load conditions.
* **Internal Compensation:** Simplifies circuit design by minimizing the need for external components.
* **Protection Circuitry:** Includes thermal shutdown, cycle-by-cycle current limit, and short-circuit protection.
---
### 3. Pin Configuration (LFCSP-10)
| Pin No. | Name | Function |
| :--- | :--- | :--- |
| 1 | **VIN** | Power Input Voltage |
| 2 | **VOUT** | Regulated Output Voltage |
| 3 | **GND** | System Ground |
| 4 | **EN** | Enable Pin (High = On, Low = Off) |
| 5 | **MODE** | Logic input for Power Save Mode vs. PWM |
| 6-10 | **SW1/SW2** | Switching Nodes (Connected to Inductor) |
---
### 4. Typical Application Circuit
To implement this part, a minimal number of external components are required:
```text
Input (2.3V-5.5V) ----[Cin: 10uF]----[ ADP2503 ]----[L: 1.0uH]----[Cout: 22uF]---- Output (3.3V)
|
[GND]
```
---
### 5. Common Applications
* **Single-cell Lithium-ion Batteries:** Ideal because the battery voltage ranges from 4.2V (fully charged) down to 2.7V (discharged), crossing the 3.3V threshold.
* **Portable Medical Equipment:** Handheld monitors and diagnostic tools.
* **Wireless Transceivers:** Providing stable power to RF modules.
* **USB Powered Devices:** Stable 3.3V rails from a 5V USB source.
- ⤷What are the differences between the ADP2503 and the ADP2504?
- ⤷ How does the Power Save Mode (PSM) affect output ripple?
- ⤷ What is the recommended layout strategy for the LFCSP package to manage heat?