AI

## Technical Overview of ADP2503ACPZ-4.2-R7
The **ADP2503ACPZ-4.2-R7** is a high-efficiency, low quiescent current, step-up/step-down (buck-boost) DC-to-DC converter produced by Analog Devices. It is designed specifically for applications where the input voltage can vary above or below the required output voltage, such as single-cell Li-ion battery applications.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices Inc. |
| **Topology** | Buck-Boost (Step-Up/Step-Down) |
| **Output Voltage (Fixed)** | 4.2 V |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Output Current** | Up to 600 mA |
| **Switching Frequency** | 2.5 MHz |
| **Package** | 10-LFCSP (3mm x 3mm) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Core Functional Features
* **Seamless Transitions:** The device uses a proprietary architecture that allows for a smooth transition between buck (step-down) and boost (step-up) modes without significant output voltage ripple or noise.
* **High Switching Frequency:** Operating at 2.5 MHz allows for the use of tiny, low-profile inductors and ceramic capacitors, reducing the overall PCB footprint.
* **Power Saving Mode (PSM):** At light loads, the converter can enter a power-saving mode to maintain high efficiency across the entire load range.
* **Internal Compensation:** It features internal compensation and soft start to minimize the count of external components.
---
### 3. Pin Configuration (10-LFCSP)
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Input Voltage Source |
| 2, 3 | **L1, L2** | Inductor Connection Pins |
| 4 | **PGND** | Power Ground |
| 5 | **VOUT** | Output Voltage |
| 6 | **FB** | Feedback Input (Connected to VOUT for fixed versions) |
| 7 | **GND** | Analog Ground |
| 8 | **EN** | Enable Pin (High = On, Low = Shutdown) |
| 9 | **SYNC/MODE** | Logic Input for PWM or Power Save Mode |
---
### 4. Application Context
The 4.2V fixed output version is frequently used for:
* **Battery Charging:** Providing a stable 4.2V rail for charging single-cell Lithium-ion/Polymer batteries.
* **Handheld Devices:** Smartwatches, portable medical devices, and wireless sensors.
* **USB Powered Gear:** Regulating 5V USB inputs down to a stable 4.2V rail even when the input fluctuates.
### 5. Part Number Breakdown
`ADP2503` (Base Model) + `ACPZ` (Package Style) + `4.2` (Output Voltage) + `R7` (7-inch Reel Packaging).
---
- ⤷
What are the recommended inductor values for the ADP2503 at 2.5 MHz?
- ⤷ How does the 'SYNC/MODE' pin affect the EMI performance of this part?
- ⤷ What is the typical quiescent current of the ADP2503 in Power Save Mode?