Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADP2504ACPZ-3.3-R7

  • AI
    The **ADP2504ACPZ-3.3-R7** is a high-efficiency, low-quiescent current, step-down (buck) DC-to-DC converter manufactured by Analog Devices. It is specifically designed for battery-powered applications where space and efficiency are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Output Voltage (Fixed)** | 3.3 V | | **Output Current** | Up to 1000 mA (1A) | | **Switching Frequency** | 2.5 MHz | | **Package** | 10-lead LFCSP (3mm x 3mm) | | **Efficiency** | Up to 95% | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Core Components The device integrates several electronic sub-systems within its silicon architecture: * **Internal MOSFETs:** It includes both high-side and low-side power switches, eliminating the need for an external Schottky diode. * **PWM Control Logic:** Operates at a high 2.5 MHz frequency, which allows for the use of very small inductors and capacitors. * **Power Save Mode (PSM):** At light loads, the device automatically shifts from Pulse Width Modulation (PWM) to a power-saving mode to reduce switching losses. * **Soft Start Circuitry:** Limits inrush current during startup to prevent voltage dips in the battery source. --- ### 3. Application Circuit Components To utilize this IC, a standard "Buck Configuration" is required. Below is the typical bill of materials for a 3.3V implementation: | Part Type | Recommended Value | Purpose | | :--- | :--- | :--- | | **Input Capacitor ($C_{IN}$)** | 10 µF (Ceramic) | Stabilizes input voltage and filters noise. | | **Output Capacitor ($C_{OUT}$)** | 22 µF (Ceramic) | Smoothes output ripple. | | **Inductor ($L$)** | 1.0 µH to 1.5 µH | Stores energy during the switching cycle. | | **Enable (EN) Pin** | Logic High/Low | Turns the regulator on or off. | --- ### 4. Part Number Breakdown Understanding the suffix codes for this specific component: * **ADP2504:** Device series name. * **ACPZ:** Indicates Lead-free (RoHS compliant) and LFCSP package. * **3.3:** Denotes the fixed 3.3V output version. * **R7:** Indicates the packaging format (7-inch Tape and Reel, typically 1,500 units). --- ### 5. Common Use Cases * **Smartphones and Tablets:** Providing clean 3.3V rails for sensors and logic. * **Wearable Devices:** Maximizing battery life via high efficiency at low currents. * **Wireless Modules:** Powering Wi-Fi or Bluetooth chips from Li-Ion batteries.
    ✨ Follow-up Questions
    • ⤷ What are the advantages of the 2.5 MHz switching frequency for PCB design?
    • ⤷ How does the Power Save Mode (PSM) affect the output ripple voltage?
    • ⤷ Can the ADP2504 be used with a 2-cell alkaline battery input?