ADP2504ACPZ-4.2-R7
AI

The **ADP2504ACPZ-4.2-R7** is a high-efficiency, low-quiescent-current step-down/step-up (buck-boost) DC-to-DC converter produced by Analog Devices. It is specifically designed for applications where the input voltage can vary above or below the required output voltage.
---
### ## Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | Fixed 4.2V |
| **Input Voltage Range** | 2.3V to 5.5V |
| **Output Current** | Up to 1000 mA (1A) |
| **Switching Frequency** | 2.5 MHz |
| **Package / Case** | 10-WFDFN (3x3 mm) |
| **Topology** | Buck-Boost |
| **Efficiency** | Up to 95% |
---
### ## Key Electronic Components & Features
### 1. Internal Architecture
The device utilizes a **four-switch architecture**. This allows the converter to transition seamlessly between buck mode (stepping down), boost mode (stepping up), and a bridge mode (when input is near 4.2V) without causing output glitches or noise.
### 2. High Switching Frequency (2.5 MHz)
The 2.5 MHz frequency is a critical electronic feature because:
* It allows for the use of **small, low-profile inductors** and ceramic capacitors.
* It moves switching noise out of the sensitive frequency bands of many consumer electronics (like audio or GPS).
### 3. Power Saving Modes
The part operates in two distinct modes depending on the load:
* **PWM Mode:** Forced at higher loads for low noise.
* **Power Save Mode (PSM):** At light loads, the device enters a pulse-skipping mode to reduce quiescent current, extending battery life in portable devices.
### 4. Safety Mechanisms
The silicon includes several integrated protection circuits:
* **Soft Start:** Prevents current spikes during power-up.
* **Thermal Shutdown:** Protects the IC from overheating.
* **Over-Current Protection:** Limits the current to prevent damage to the inductor or load.
---
### ## Typical Application Circuit
The circuit typically requires only a few external components:
```c
// List of required external components
1. Input Capacitor (CIN): 10uF (Ceramic)
2. Output Capacitor (COUT): 22uF (Ceramic)
3. Power Inductor (L): 1.0uH to 1.5uH
4. Bypass Capacitor: 0.1uF (on the VIN pin)
```
### ## Common Use Cases
* **Li-ion Battery Applications:** Since a Li-ion battery ranges from 4.2V (full) to 3.0V (empty), this chip is perfect for maintaining a constant 4.2V rail.
* **USB Powered Devices:** Handling fluctuations in 5V USB rails.
* **Wireless Modems:** Powering RF modules that require high peak currents.
- ⤷
What are the layout considerations for the 2.5 MHz switching frequency?
- ⤷ How does the ADP2504 transition between buck and boost modes?
- ⤷ What are the alternative fixed output voltage versions for the ADP2504?