ADP2504ACPZ-4.2-R71
AI

The **ADP2504ACPZ-4.2-R7** is a high-efficiency, low quiescent current step-up/step-down (Buck-Boost) DC-to-DC converter manufactured by Analog Devices. It is specifically designed for applications where the input voltage can vary above or below the required output voltage, such as single-cell Li-ion battery-powered devices.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | Fixed 4.2V |
| **Input Voltage Range** | 2.3V to 5.5V |
| **Output Current** | Up to 600 mA |
| **Switching Frequency** | 2.5 MHz (Fixed) |
| **Efficiency** | Up to 95% |
| **Package** | 10-lead LFCSP (3mm x 3mm) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Core Functional Components
The internal architecture of the ADP2504 consists of several critical electronic sections:
* **Four-Switch Bridge:** Unlike a simple buck converter (2 switches), this uses a four-switch configuration (two PMOS and two NMOS) to seamlessly transition between buck mode, boost mode, and buck-boost mode.
* **Pulse Width Modulation (PWM) Control:** At heavy loads, it operates at a fixed 2.5 MHz frequency, allowing for the use of very small inductors and capacitors.
* **Power Save Mode (PSM):** At light loads, the device automatically shifts into a power-saving mode to reduce switching losses and extend battery life.
* **Soft Start Circuitry:** Reduces inrush current during startup to protect the battery and the integrated circuits.
---
### 3. Application Circuit Components
To implement this part in a design, the following external components are typically required:
1. **Inductor (L):** Usually a **1.0 µH to 1.5 µH** multilayer or wire-wound inductor capable of handling the peak current.
2. **Input/Output Capacitors ($C_{IN}$ / $C_{OUT}$):** High-quality X5R or X7R ceramic capacitors (typically 10 µF) are required to minimize voltage ripple and ensure stability.
3. **Enable (EN) Pin:** Can be tied to $V_{IN}$ for always-on operation or controlled by a GPIO to shut down the device (reducing current to < 1 µA).
---
### 4. Typical Use Cases
* **Li-ion Battery Powered Devices:** Maintaining 4.2V even as the battery drops from 4.2V to 2.7V.
* **USB Powered Peripherals:** Boosting 3.3V rails to 4.2V.
* **Wireless Modules:** Providing stable power to RF power amplifiers.
- ⤷
What are the layout considerations for the 2.5 MHz switching frequency?
- ⤷ How does the 'Automatic Transition' between buck and boost modes work in this IC?
- ⤷ Can I use an adjustable version of the ADP2504 instead of this fixed 4.2V model?