AI

The **ADP3335ACPZ-2.5-R7** is a high-precision, low dropout (LDO) linear regulator manufactured by Analog Devices. It is part of the `anyCAP®` family, known for its stability with a wide range of output capacitors.
---
## 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 2.5V (Fixed) |
| **Input Voltage Range** | 2.6V to 12V |
| **Output Current** | 500 mA |
| **Dropout Voltage** | 200 mV (typical at 500 mA) |
| **Accuracy** | ±0.9% over line, load, and temperature |
| **Package** | LFCSP-8 (3mm x 3mm) |
| **Operating Temp** | -40°C to +85°C |
---
## 2. Core Features
### anyCAP® Technology
The most distinctive feature of this IC is its stability. Unlike traditional LDOs that require a specific Equivalent Series Resistance (ESR) in the output capacitor, the ADP3335 is stable with **any** type of capacitor (MLCC ceramic, tantalum, or aluminum electrolytic).
### Low Quiescent Current
It draws very little power when idle:
* **Ground Current:** ~80 µA at light loads.
* **Shutdown Mode:** Reduces current draw to < 1 µA, making it ideal for battery-powered devices.
### Protection Circuitry
The device includes internal protection mechanisms to ensure longevity and safety:
* **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds limits.
* **Current Limiting:** Protects the regulator during short-circuit conditions.
---
## 3. Pin Configuration (LFCSP-8)
| Pin No. | Name | Function |
| :--- | :--- | :--- |
| 1, 2 | **OUT** | Regulated 2.5V Output. |
| 3 | **SENSE** | Feedback pin for voltage regulation. |
| 4 | **GND** | Ground reference. |
| 5 | **NR** | Noise Reduction; connect a capacitor here to bypass internal reference noise. |
| 6 | **SD** | Shutdown (Active Low). Pull low to disable the device. |
| 7, 8 | **IN** | Unregulated Input Voltage. |
---
## 4. Typical Application Circuit
To implement this part, a basic circuit requires minimal external components:
```text
[Vin] ----+----[ IN ] [ OUT ]----+---- [Vout: 2.5V]
| |
[Cin: 1uF] [Cout: 1uF]
| [ ADP3335 ] |
[GND] ----+----[ GND ] [ SENSE ]-+---- [GND]
```
---
## 5. Part Number Breakdown
* **ADP3335:** Base model number.
* **ACPZ:** Package indicator (LFCSP) and Lead-free/RoHS compliance.
* **2.5:** Fixed output voltage of 2.5 Volts.
* **R7:** Packaging format (7-inch Tape and Reel, typically 1,500 units).
- ⤷
What is the advantage of anyCAP technology over standard LDO regulators?
- ⤷ Can the ADP3335 be used for sensitive RF power applications?
- ⤷ How do I calculate the power dissipation for this LDO in my design?