ADP3335ACPZ-3.3-R7
AI

The **ADP3335ACPZ-3.3-R7** is a high-precision, low dropout (LDO) linear regulator manufactured by Analog Devices. It is part of the `anyCAP®` family, known for its stability and extremely low dropout voltage.
---
### ## Technical Specifications
Below is a breakdown of the primary electrical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | Fixed 3.3V |
| **Input Voltage Range** | 2.6V to 12V |
| **Output Current** | 500 mA (Maximum) |
| **Dropout Voltage** | 200 mV (Typical at 500 mA) |
| **Output Tolerance** | ±0.9% at 25°C (±1.8% over line/load/temp) |
| **Quiescent Current** | 80 µA (Typical at no load) |
| **Package Type** | LFCSP-8 (3mm x 3mm) |
| **Operating Temp** | -40°C to +85°C |
---
### ## Key Electronic Features
1. **anyCAP® Technology**:
This regulator is stable with any type of capacitor, including low ESR (Equivalent Series Resistance) multi-layer ceramic capacitors (MLCCs). Unlike many LDOs, it does not require a specific ESR range to maintain stability.
2. **Low Dropout (LDO)**:
With a dropout of only 200mV at full load, it can maintain a 3.3V output even when the input voltage drops as low as 3.5V, making it highly efficient for battery-powered devices.
3. **Thermal & Current Protection**:
It includes internal thermal limiting and current limit protection to prevent the device from failing under fault conditions.
4. **Shutdown Mode**:
The device features a logic-controlled shutdown pin. When disabled, the ground current drops to less than 1 µA, which is critical for preserving battery life in portable electronics.
5. **Error Flag**:
An open-collector "Error" output signals when the output voltage falls out of regulation (typically 5% below nominal).
---
### ## Pin Configuration (LFCSP-8)
| Pin # | Pin Name | Description |
| :--- | :--- | :--- |
| 1-2 | OUT | Output voltage (3.3V). Connect bypass capacitor. |
| 3 | ERR | Error Flag (active low). Indicates out-of-regulation. |
| 4 | GND | Ground reference. |
| 5 | SD | Shutdown Input. Logic high for ON, Logic low for OFF. |
| 6 | NR | Noise Reduction. Connect a cap to reduce output noise. |
| 7-8 | IN | Input Voltage supply. |
| EP | Pad | Exposed Pad. Must be soldered to ground for thermal dissipation. |
---
### ## Typical Application Circuit
```text
[Input 3.5V-12V] ----+----[ IN ] [ OUT ]----+---- [Output 3.3V]
| |
[Cin] [Cout]
| |
GND GND
```
---
- ⤷What are the recommended values for the input and output capacitors?
- ⤷ How does the NR (Noise Reduction) pin improve performance?
- ⤷ What are the common alternatives to the LFCSP-8 package for this regulator?