AI

## ADP3335ACPZ-5-R7: Technical Overview
The **ADP3335ACPZ-5-R7** is a high-precision, low-dropout (LDO) linear regulator manufactured by Analog Devices. It belongs to the anyCAP® family, which is unique because it is stable with any type of output capacitor, regardless of the Equivalent Series Resistance (ESR).
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of this specific variant:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 5.0 V |
| **Output Current** | 500 mA |
| **Input Voltage Range** | 2.6 V to 12 V |
| **Dropout Voltage (Typ)** | 200 mV @ 500 mA |
| **Accuracy Over Line/Load/Temp** | ±0.9% |
| **Package Type** | LFCSP-8 (3mm x 3mm) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Core Features
* **anyCAP® Technology:** This is the standout feature. Unlike many LDOs that require specific Tantalum or low-ESR Electrolytic capacitors for stability, the ADP3335 is stable with small Ceramic capacitors.
* **Ultralow Quiescent Current:** In shutdown mode, it consumes less than 1 µA, making it ideal for battery-powered applications.
* **Safety Protections:**
* **Current Limit:** Protects the device during short-circuit conditions.
* **Thermal Overload Protection:** Automatically shuts down the device if it exceeds safe operating temperatures.
* **Error Flag:** Includes an active-low "Error" pin that signals when the output voltage falls out of regulation (e.g., during brownouts).
---
### 3. Pin Configuration (LFCSP-8)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1, 2 | **OUT** | Regulated 5V Output. |
| 3 | **ERR** | Error Flag (Open Collector output). |
| 4 | **GND** | Ground reference. |
| 5 | **NR** | Noise Reduction (Connect a capacitor to reduce output noise). |
| 6 | **SD** | Shutdown input (Logic high to enable, low to disable). |
| 7, 8 | **IN** | Unregulated Input Voltage. |
| EP | **Exposed Pad** | Should be soldered to the PCB ground plane for thermal dissipation. |
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **ADP3335:** Base part number (500mA LDO).
* **ACPZ:** Package indicator (LFCSP) and Lead-free/RoHS compliance.
* **5:** Fixed output voltage (5.0V).
* **R7:** 7-inch reel (indicates packaging format for automated assembly).
---
### 5. Application Circuit Example
To utilize the device, minimal external components are required:
```markdown
Input Voltage (5.5V - 12V) ----> [ IN ] [ OUT ] ----> 5.0V Output
| |
(Cin 1uF) = = (Cout 1uF Ceramic)
| |
[GND] [GND]
```
---
- ⤷
What are the advantages of anyCAP technology over standard LDOs?
- ⤷ How does the 'Error Flag' pin function in a microcontroller-based system?
- ⤷ Can this LDO be used for 3.3V applications
- ⤷ or is it fixed at 5V?