ADP5023ACPZ-1-R7
AI

## ADP5023ACPZ-1-R7: Technical Overview
The **ADP5023ACPZ-1-R7** is a highly integrated power management unit (PMU) designed by Analog Devices. It is optimized for applications requiring low noise, high efficiency, and a compact footprint, such as smartphones, portable medical devices, and wearable electronics.
---
### 1. Key Internal Components
The device integrates three high-performance regulators into a single package:
| Component | Type | Current Output | Primary Use Case |
| :--- | :--- | :--- | :--- |
| **Buck 1** | High-Efficiency Step-Down | 800 mA | Core processors or digital rails. |
| **Buck 2** | High-Efficiency Step-Down | 800 mA | Memory (DDR) or I/O interfaces. |
| **LDO** | Low-Dropout Regulator | 300 mA | Sensitive analog circuitry (RF, Audio). |
---
### 2. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Switching Frequency** | 3 MHz (allows for small inductors) |
| **LDO PSRR** | 60 dB at 10 kHz |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | 24-Lead LFCSP (4mm x 4mm) |
| **Shutdown Current** | < 1.0 μA |
---
### 3. Functional Features
* **High Switching Frequency:** Operating at 3 MHz allows the use of tiny 0603 or 0805 sized multilayer inductors, significantly reducing the total PCB area.
* **Power-Good Output:** Includes a dedicated pin to signal when the output voltages are within regulation, useful for system sequencing.
* **Automatic PWM/PSM Transition:** The buck regulators automatically switch between Pulse Width Modulation (PWM) for high loads and Power Save Mode (PSM) for light loads to maximize battery life.
* **Thermal Shutdown:** Integrated protection circuit that shuts the device down if internal temperatures exceed safety limits.
---
### 4. Typical Application Circuit
The circuit typically requires minimal external components:
```text
Input (2.3V-5.5V) ----> [ ADP5023 ] ----+----> Vout1 (Buck 1: 0.8V-3.8V)
| | |
| | +----> Vout2 (Buck 2: 0.8V-3.8V)
| | |
| +---------------> Vout3 (LDO: 0.8V-4.75V)
|
[GND]
```
### 5. Ordering Information Code Breakdown
* **ADP5023:** Base Model Number.
* **ACPZ:** LFCSP Package, RoHS Compliant.
* **1:** Specific factory-set default voltage configuration.
* **R7:** Tape and Reel packaging (7-inch reel).
---
- ⤷
What are the specific default output voltages for the '-1' version of this chip?
- ⤷ How does the 3MHz switching frequency impact EMI design?
- ⤷ Can the LDO output be used to power RF components?