ADP5043ACPZ-1-R7
AI

## Overview of the ADP5043ACPZ-1-R7
The **ADP5043ACPZ-1-R7** is a high-efficiency Power Management Unit (PMU) manufactured by Analog Devices. It is designed for applications that require multiple power rails in a compact footprint, such as smartphones, tablets, and portable industrial equipment.
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Buck Regulators** | 2 x 800 mA High-Efficiency Buck Regulators |
| **LDO Regulators** | 2 x 300 mA Low Dropout (LDO) Regulators |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Buck Output Voltage** | Adjustable (0.8 V to 3.8 V) |
| **Switching Frequency** | 3 MHz (allows for small inductors) |
| **Package** | 20-lead LFCSP (4mm x 4mm) |
| **Operating Temp** | -40°C to +125°C |
---
### Functional Components
The device integrates four primary power channels to manage different system requirements:
#### 1. Dual Buck Regulators (800 mA each)
* **Efficiency:** Uses a high-frequency switching mechanism to provide up to 95% efficiency, extending battery life.
* **Modes:** Operates in forced PWM mode for low noise or automatic PWM/PSM (Power Save Mode) to maintain efficiency during light loads.
#### 2. Dual LDO Regulators (300 mA each)
* **Noise Performance:** These are specifically designed for noise-sensitive analog circuits (e.g., RF or audio stages).
* **Low Dropout:** Requires minimal voltage difference between input and output to maintain regulation.
#### 3. Protection and Control
* **Soft Start:** Integrated to limit inrush current during startup.
* **Thermal Shutdown:** Protects the IC from damage due to overheating.
* **Undervoltage Lockout (UVLO):** Prevents the device from operating at voltages too low for stable regulation.
---
### Pin Configuration and Typical Application
The **LFCSP package** features an exposed pad that must be soldered to the PCB ground plane for thermal dissipation.
```c
// Typical Power Sequence Logic
1. VIN Applied -> 2.3V - 5.5V
2. Enable High -> Buck 1 & 2 start (3MHz switching)
3. LDOs Active -> Low-noise rails stabilized
4. PG Output -> Power Good signal triggered for SoC
```
---
### Typical Applications
* **SoC/Processor Power:** Delivering core and I/O voltages.
* **Portable Medical Devices:** Where small form factor and high efficiency are critical.
* **Wireless Handsets:** Providing clean power to RF power amplifiers and baseband processors.
- ⤷
What are the specific output voltage options for the '-1' variant of this chip?
- ⤷ How does the 3 MHz switching frequency impact the choice of external inductors?
- ⤷ What is the recommended layout strategy for the LFCSP exposed thermal pad?