ADP5062ACPZ-1-R7
AI

## ADP5062ACPZ-1-R7 Electronic Components Overview
The **ADP5062ACPZ-1-R7** is a highly integrated linear battery charger management IC designed for single-cell Li-Ion or Li-Polymer batteries. It is manufactured by Analog Devices and is widely used in portable devices due to its high efficiency and small footprint.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 4.0 V to 6.7 V |
| **Charge Current** | Up to 1300 mA (Programmable) |
| **Battery Voltage** | 4.2 V (Standard for this variant) |
| **Interface** | I²C Compatible |
| **Package** | 20-lead LFCSP (Lead Frame Chip Scale Package) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Core Functional Blocks
The internal architecture consists of several critical electronic sections:
1. **Linear Charger Controller:**
Manages the three stages of battery charging:
* **Trickle Charge:** For deeply discharged batteries.
* **Constant Current (CC):** Fast charging phase.
* **Constant Voltage (CV):** Final saturation phase to reach full capacity.
2. **Internal Power FET:**
Includes an integrated power MOSFET that passes current from the VIN to the battery (VISO/VBAT). This eliminates the need for an external sensing resistor or blocking diode.
3. **I²C Interface:**
Allows a microcontroller to program parameters such as:
* Fast charge current.
* Termination voltage.
* Thermal limits and safety timers.
4. **Protection Circuitry:**
* **Thermal Management:** Reduces charge current if the die temperature exceeds a specific threshold.
* **NTC Input:** Monitors external battery temperature via a thermistor.
* **JEITA Compliance:** Adjusts charging based on battery temperature for safety.
---
### 3. Application Circuit Example
In a typical circuit, the ADP5062 requires minimal external components.
```c
// Typical Pin Configuration Logic
VIN -> Input Power (USB or Wall Adapter)
VBAT -> Connected to Single-cell Li-Ion Battery
SCL/SDA-> Connected to Host Processor I2C Bus
THR -> Connected to 10k NTC Thermistor (for Temp sensing)
CHG_OK -> Status LED indicator
```
---
### 4. Significant Features
* **Dead Battery Recovery:** Can start charging even if the battery voltage is near zero.
* **USB Support:** Includes current limiting features to comply with USB 2.0/3.0 power specifications.
* **Power Path Management:** Allows the system to be powered directly from the input source while the battery is charging or disconnected.
- ⤷
How do I program the charge current via I2C for this specific IC?
- ⤷ What are the main differences between the ADP5062 and the ADP5061?
- ⤷ Can this IC handle two-cell Li-ion battery configurations?