ADP5063ACPZ-1-R7
AI

The **ADP5063ACPZ-1-R7** is a highly integrated linear battery charger management IC designed for single-cell Li-Ion or Li-Polymer batteries. It is manufactured by Analog Devices and is specifically optimized for USB power sources and portable applications.
---
### ## Technical Specifications Overview
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 4.0V to 6.7V (Absolute Max: 20V) |
| **Maximum Charge Current** | 1.3 Amps |
| **Interface** | I2C Programmable |
| **Battery Voltage Range** | 3.5V to 4.5V (Programmable) |
| **Package** | 20-lead LFCSP (4mm x 4mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### ### Key Electronic Components & Functions
1. **Linear Charger Architecture**:
Unlike switching chargers, this uses a linear regulator approach. This minimizes Electromagnetic Interference (EMI) and reduces the number of external components (no inductor required), making it ideal for noise-sensitive audio or medical devices.
2. **I2C Interface**:
Most parameters are software-controllable. A microcontroller can communicate via I2C to adjust:
* Fast charge current.
* Termination voltage.
* Thermal limits.
* Safety timers.
3. **Power Path Management**:
The IC manages the power distribution between the input source (USB/Wall adapter), the battery, and the system load. It allows the system to power up even if the battery is completely discharged or missing.
4. **Integrated Protection Circuits**:
* **Thermal Management**: Reduces charge current if the die temperature exceeds a specific threshold.
* **Overvoltage Protection (OVP)**: Protects the system from high-voltage transients on the USB input.
* **JEITA Compliance**: Adjusts charging parameters based on battery temperature (requires an external NTC thermistor).
5. **LDO Mode**:
When the battery is full or disconnected, the device can act as a high-current Low Dropout Regulator (LDO) to provide steady power to the system.
---
### ### Typical Application Circuit
The circuit typically requires minimal external components:
* **C_in / C_out**: Decoupling capacitors (usually 4.7µF to 10µF).
* **NTC Thermistor**: Connected to the `THR` pin for temperature sensing.
* **Pull-up Resistors**: For the I2C lines (`SDA` and `SCL`).
```c
// Example I2C pseudo-code to set Charge Current to 500mA
write_register(CHG_CURR_REG, 0x05);
// Example to enable charging
write_register(PMOD_REG, 0x01);
```
---
### ### Part Number Breakdown
* **ADP5063**: Base model number.
* **ACPZ**: Plastic Lead Frame Chip Scale Package (RoHS compliant).
* **1**: Specific internal default configuration (factory programmed).
* **R7**: Denotes 7-inch reel packaging (usually 1,500 pieces).
- ⤷
What are the main differences between the ADP5063 and a switching charger like the ADP5062?
- ⤷ How does the JEITA temperature monitoring work in this specific IC?
- ⤷ Can this IC be used with LiFePO4 battery chemistries?