Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADP5092ACPZ-1-R7

  • AI
    The **ADP5092ACPZ-1-R7** is a highly efficient, ultra-low power energy harvesting solution manufactured by Analog Devices. It is specifically designed to bridge the gap between low-power energy sources (like solar or thermal) and storage elements (like batteries or supercapacitors). --- ## 1. Core Technical Specifications The following table outlines the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Function** | DC-DC Boost Regulator (Energy Harvesting) | | **Input Voltage Range** | 80 mV to 3.3 V | | **Quiescent Current** | 450 nA (Typical) | | **MPPT Accuracy** | 16-bit resolution (Programmable) | | **Package** | 24-Lead LFCSP (4mm x 4mm) | | **Operating Temp** | -40°C to +125°C | --- ## 2. Key Electronic Components & Subsystems The ADP5092 is more than just a voltage regulator; it integrates several critical subsystems: ### A. Integrated Boost Regulator * **Cold Start Circuit:** This allows the device to start operating from an input voltage as low as **380 mV**. Once started, it can continue harvesting energy down to **80 mV**. * **Synchronous Rectification:** Uses internal low-resistance MOSFETs to maximize power conversion efficiency, often exceeding 90% even at low current levels. ### B. Maximum Power Point Tracking (MPPT) * Energy sources like solar cells have a specific voltage where they produce maximum power. * The ADP5092 features an integrated MPPT control loop that periodically samples the open-circuit voltage and adjusts the input impedance to stay at the optimal power point. ### C. Power Management Units (PMU) * **REG_OUT:** A regulated output voltage (LDO) used to power external microcontrollers or sensors. * **Battery Protection:** Includes programmable threshold logic to prevent overcharging or deep discharge of the connected storage element. ### D. Advanced Power Path * The device supports a **back-up battery** feature. If the energy harvester (e.g., solar panel) stops providing power and the primary storage is depleted, the chip can automatically switch to a non-rechargeable backup battery. --- ## 3. Pin Configuration Highlights | Pin Name | Description | | :--- | :--- | | **VIN** | Input from the energy harvester (Solar/TEG). | | **BAT_TERM** | Connection to the rechargeable battery/supercapacitor. | | **BACK_UP** | Input for a primary (non-rechargeable) backup battery. | | **PGOOD** | Power good indicator signal. | | **MIN_OP** | Sets the minimum operating voltage level via resistors. | --- ## 4. Typical Applications 1. **Wireless Sensor Networks (WSN):** Powering remote sensors using ambient light. 2. **Wearable Devices:** Harvesting thermal energy from body heat. 3. **Industrial Monitoring:** Self-powered flow meters or vibration sensors. 4. **Portable Consumer Electronics:** Solar-powered remote controls or calculators.
    ✨ Follow-up Questions
    • ⤷ How does the MPPT sampling frequency affect the power efficiency of the ADP5092?
    • ⤷ What are the specific differences between the ADP5091 and the ADP5092 models?
    • ⤷ Can the ADP5092 be used with a Thermoelectric Generator (TEG) instead of a solar panel?