ADP5300ACPZ-1-R7
AI

The **ADP5300ACPZ-1-R7** is a high-efficiency, ultra-low quiescent current step-down (buck) regulator manufactured by Analog Devices. It is specifically designed to extend battery life in portable and wearable electronics.
---
## 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.15 V to 6.50 V |
| **Output Voltage** | Fixed or Adjustable (0.8 V to 5.0 V) |
| **Output Current** | 500 mA |
| **Quiescent Current ($I_Q$)** | 180 nA (Typical) |
| **Switching Frequency** | 2 MHz (PWM Mode) |
| **Package** | 10-lead LFCSP (3 mm × 3 mm) |
| **Operating Temperature** | -40°C to +125°C |
---
## 2. Core Functional Components
The device integrates several critical electronic sub-systems to achieve its high efficiency:
### A. Power Stage
It contains integrated high-side and low-side P-channel and N-channel MOSFETs. This synchronous rectification eliminates the need for an external Schottky diode, reducing part count and increasing efficiency.
### B. Control Logic (Hysteresis and PWM)
The ADP5300 operates in two distinct modes to maximize performance:
* **Hysteresis Mode:** Used during light loads to minimize switching losses, achieving high efficiency even at micro-ampere currents.
* **PWM Mode:** Automatically switches to Pulse Width Modulation for higher loads to provide low output ripple and high stability.
### C. Protection Circuitry
* **UVLO (Under-Voltage Lockout):** Prevents the device from operating at voltages too low for stable regulation.
* **Thermal Shutdown:** Protects the silicon from damage due to overheating.
* **Short-Circuit Protection:** Limits current flow if the output is grounded.
---
## 3. Typical Application Circuit
To implement the ADP5300, a minimal set of external passive components is required:
```mermaid
graph LR
Vin[Input Voltage] --> Cin(Input Capacitor)
Cin --> ADP5300[ADP5300 IC]
ADP5300 --> L1(Inductor)
L1 --> Cout(Output Capacitor)
Cout --> Vout[Regulated Output]
```
### Component Selection
* **Inductor:** Typically a **2.2 µH** power inductor.
* **Capacitors:** Low-ESR multilayer ceramic capacitors (MLCC) are recommended for both input and output filtering.
---
## 4. Part Number Breakdown: `ADP5300ACPZ-1-R7`
* **ADP5300:** Functional Part Number.
* **A:** Temperature Grade (Industrial).
* **CP:** Package Designator (LFCSP).
* **Z:** RoHS Compliant (Lead-free).
* **-1:** Specific Voltage/Feature option (Refer to datasheet for specific factory-trimmed output).
* **-R7:** Tape and Reel packaging (7-inch reel).
- ⤷
What are the primary differences between Hysteresis and PWM modes in this IC?
- ⤷ How does the 180 nA quiescent current benefit IoT device design?
- ⤷ Which external inductor specifications are most critical for this regulator?