ADP5360ACBZ-1-R7
AI

The **ADP5360ACBZ-1-R7** is a highly integrated Power Management Unit (PMU) designed primarily for low-power, wearable, and medical devices. It combines multiple power conversion stages and battery management functions into a single, compact Wafer Level Chip Scale Package (WLCSP).
---
## 1. Key Component Overview
The ADP5360 is essentially a "system-on-a-chip" for power. It integrates five main functional blocks:
| Component | Description |
| :--- | :--- |
| **Linear Battery Charger** | Supports Li-Ion and Li-Polymer batteries with programmable charging current. |
| **Buck Regulator** | A high-efficiency step-down converter (typically for the main system processor). |
| **Buck-Boost Regulator** | Provides a stable output even if the battery voltage drops below the target output. |
| **Battery Fuel Gauge** | Uses a voltage-based algorithm to estimate remaining battery capacity. |
| **Supervisory Circuits** | Includes a power-on reset (POR), watchdog timer, and ship mode logic. |
---
## 2. Technical Specifications
Below are the critical electrical characteristics of the device:
| Parameter | Value / Range |
| :--- | :--- |
| **Input Voltage (VBUS)** | 4.0V to 6.75V |
| **Battery Voltage Range** | 2.5V to 4.5V |
| **Buck Output Current** | Up to 300 mA |
| **Buck-Boost Current** | Up to 300 mA |
| **Quiescent Current** | ~0.60 µA (In ship mode) |
| **Interface** | I2C Compatible (for programming and telemetry) |
| **Package** | 32-ball WLCSP (2.56 mm × 2.56 mm) |
---
## 3. Advanced Features
### A. Ultra-Low Quiescent Current ($I_Q$)
The device is optimized for "Always-on" applications. Its extremely low standby current significantly extends the shelf life of battery-powered products when they are in "Ship Mode."
### B. Voltage-Based Fuel Gauge
Unlike traditional Coulomb counters that require a sense resistor (which wastes power), the ADP5360 uses a proprietary algorithm to report the State of Charge (SOC) based on battery voltage and load trends.
### C. Protection & Safety
* **Thermal Regulation:** Limits charge current if the die temperature rises.
* **Watchdog Timer:** Can reset the system if the main microcontroller stops responding.
* **Ship Mode:** Completely disconnects the battery from the system to prevent drainage during shipping.
---
## 4. Typical Application Circuit
The device requires minimal external components, usually consisting of:
1. **Inductors:** Two small chip inductors (one for Buck, one for Buck-Boost).
2. **Capacitors:** Decoupling capacitors for input and output rails.
3. **Thermistor:** An NTC resistor connected to the battery to monitor temperature.
```c
// Example I2C interaction (Pseudo-code)
void setup_adp5360() {
write_reg(PMOD_CTRL, 0x01); // Enable Buck Regulator
write_reg(CHG_CNFG1, 0x0A); // Set Charge Current to 100mA
}
```
---
- ⤷
What are the specific differences between the Buck and Buck-Boost rails in this PMU?
- ⤷ How does the ADP5360's fuel gauge accuracy compare to current-sensing methods?
- ⤷ What are the recommended inductor values for the ADP5360 to ensure maximum efficiency?