Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADP5585ACPZ-00-R7

  • AI
    The **ADP5585ACPZ-00-R7** is a versatile I/O expander and keypad controller designed primarily for mobile and portable electronic devices. It is manufactured by Analog Devices and is part of their power management and interface portfolio. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Package / Case** | 16-WFQFN Exposed Pad (3x3 mm) | | **Interface** | I²C (up to 400 kHz) | | **Operating Voltage** | 1.8V to 3.3V | | **I/O Pins** | Up to 10 Configurable GPIOs | | **Keypad Matrix** | Up to 5 x 5 (25 keys) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Functional Modules The internal architecture of the ADP5585 is divided into several specialized electronic blocks: #### A. Keypad Controller * **Scanning Engine:** It handles the matrix scanning automatically, offloading the task from the main processor. * **FIFO Buffer:** It features an internal buffer to store multiple keypress and release events, ensuring no data is lost during high-speed typing. * **Ghost-Key Elimination:** It includes logic to prevent "ghosting" (false triggers) when multiple keys are pressed simultaneously. #### B. GPIO Expander * **Directionality:** Each of the 10 pins can be independently configured as an input or an output. * **Interrupts:** Pins can be set to trigger an interrupt on the `nINT` pin upon a state change (high-to-low or low-to-high). * **Internal Pull-ups:** Includes programmable pull-up/pull-down resistors to reduce external component count. #### C. PWM and Logic * **PWM Generator:** The chip includes a Pulse Width Modulation generator often used for controlling LED brightness or haptic motor intensity. * **Reset Logic:** Includes a "Reset" function that can be triggered by specific key combinations (e.g., holding two specific keys for several seconds). --- ### 3. Pinout Configuration (16-LFCSP) Below is a conceptual representation of the pin functions: | Pin Type | Description | | :--- | :--- | | **VCC/GND** | Power supply and ground connections. | | **SCL/SDA** | I²C clock and data lines for communication with the host CPU. | | **R0 - R4** | Row pins for the keypad matrix or general I/O. | | **C0 - C4** | Column pins for the keypad matrix or general I/O. | | **nINT** | Active-low interrupt output to alert the host of an event. | | **nRST** | Hardware reset input. | --- ### 4. Typical Application Circuit When integrating the ADP5585, the I²C bus requires pull-up resistors, and a decoupling capacitor is recommended for the VCC line. ```c // Example Pseudo-code for Initializing via I²C void init_adp5585() { write_reg(0x01, 0x3F); // Enable GPIO and Keypad scanning write_reg(0x03, 0x1F); // Set Row pins R0-R4 as keypad inputs write_reg(0x04, 0x1F); // Set Column pins C0-C4 as keypad outputs } ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the ADP5585 handle 'ghosting' in a keypad matrix?
    • ⤷ What are the power consumption levels in standby mode for this chip?
    • ⤷ Can the GPIO pins drive high-current LEDs directly?