AI

The **ADP5585ACPZ-03-R7** is a high-performance, compact I/O expander designed by Analog Devices. It is primarily used in mobile and handheld devices to offload processor tasks related to keypad scanning and General Purpose Input/Output (GPIO) management.
---
### ## Technical Overview
The device functions as a **Keypad Decoder and I/O Expander** with a built-in FIFO buffer. It communicates via the **I2C interface**, allowing a microcontroller to manage multiple inputs and outputs using only two wires.
### ### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices Inc. |
| **Interface** | I2C (Fast Mode Plus up to 1 MHz) |
| **GPIO Count** | Up to 10 GPIOs |
| **Keypad Matrix** | Up to 5 × 5 matrix (25 keys) |
| **Operating Voltage** | 1.65V to 3.6V |
| **Package** | 16-LFCSP (3mm x 3mm) |
| **Special Features** | Key event counter, internal pull-ups, PWM generator |
---
### ## Core Functionalities
1. **Keypad Decoding**:
The device automatically scans a keypad matrix (up to 5x5). When a key is pressed or released, it stores the event in an internal **16-byte FIFO buffer** and triggers an interrupt to the host processor. This eliminates the need for the CPU to constantly poll the keys.
2. **GPIO Expansion**:
Each of the 10 pins can be configured as either a digital input or a digital output. This is ideal for controlling LEDs, reading switches, or managing system reset lines.
3. **Programmable Logic**:
The "03" variant typically refers to a specific default register configuration or reset state. It includes internal pull-up/pull-down resistors that are software-programmable, reducing the need for external passive components.
4. **PWM and Clocking**:
The ADP5585 includes a PWM (Pulse Width Modulation) generator, which is highly useful for controlling **LED brightness** or haptic motor intensity without taxing the main processor's timers.
---
### ## Typical Application Circuit
When integrating this part, it is usually connected between the application processor (AP) and the user interface components.
```mermaid
graph LR
A[Application Processor] -- I2C & Interrupt --> B(ADP5585)
B -- Matrix --> C[Keypad]
B -- GPIO --> D[Status LEDs]
B -- GPIO --> E[System Sensors]
```
### ### Part Number Suffix Breakdown
* **ACPZ**: Indicates the Lead-Frame Chip Scale Package (LFCSP) and RoHS compliance.
* **03**: Represents the specific silicon revision or pre-configured I2C address/default settings.
* **R7**: Denotes the packaging format (7-inch Tape and Reel, typically 1,500 units).
---
- ⤷
What are the power consumption levels for the ADP5585 in standby mode?
- ⤷ How does the FIFO buffer handle simultaneous key presses (ghosting)?
- ⤷ Can the ADP5585 be used to drive high-current LEDs directly?