Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADP5589ACPZ-02-R7

  • AI
    ## Overview of ADP5589ACPZ-02-R7 The **ADP5589ACPZ-02-R7** is a versatile I/O expansion and keypad controller integrated circuit (IC) developed by Analog Devices. It is primarily designed to offload keypad scanning and GPIO (General Purpose Input/Output) management from a host processor, making it ideal for mobile devices and portable electronics. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Interface** | I²C (up to 1 MHz) | | **GPIO Count** | Up to 19 Configurable I/Os | | **Keypad Matrix** | Up to 11 × 8 (88 keys) | | **Operating Voltage** | 1.8V to 3.3V | | **Package** | 24-WFQFN (4x4 mm) | | **Mounting Type** | Surface Mount | --- ### Functional Components #### 1. Keypad Decoder The device features a hardware-based keypad scanning engine. It automatically scans rows and columns, detects key presses and releases, and stores them in a **FIFO buffer**. This prevents the main CPU from needing to constantly "poll" the keys, significantly saving power. #### 2. GPIO Expander When not used for a keypad matrix, the pins can be configured as: * **Standard Inputs:** To read switches or sensors. * **Standard Outputs:** To drive LEDs or other logic. * **PWM Generators:** Used for LED brightness control (dimming). #### 3. Interrupt Controller The ADP5589 features an active-low interrupt pin (`/INT`). It notifies the host processor only when a specific event occurs (e.g., a key press or a logic level change), allowing the processor to remain in sleep mode until needed. #### 4. Logic and Clocking * **Internal Oscillator:** It does not require an external crystal. * **De-bouncing Logic:** Built-in hardware debouncing ensures that "chatter" from mechanical switches does not trigger multiple false inputs. --- ### Application Example (Pseudocode Interface) To initialize the device over I²C to act as a simple GPIO output, the logic follows this pattern: ```c // Example: Setting Pin R0 as an Output High i2c_write(DEVICE_ADDR, REG_GPIO_DIRECTION, 0x01); // Set R0 as output i2c_write(DEVICE_ADDR, REG_GPIO_DATA_OUT, 0x01); // Set R0 to Logic 1 ``` --- ### Use Cases * **Smartphones/Tablets:** For physical QWERTY or function keys. * **Industrial Terminals:** Managing large keypads and indicator LEDs. * **Medical Devices:** Interfacing buttons with low-power microcontrollers.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels in standby mode for the ADP5589?
    • ⤷ How does the FIFO buffer handle simultaneous key presses (n-key rollover)?
    • ⤷ Can you explain the difference between the -01 and -02 suffixes in this series?