ADP7102ARDZ-9.0-R7
AI

The **ADP7102ARDZ-9.0-R7** is a high-performance, low-dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable, low-noise output voltage for noise-sensitive applications.
---
### ## Technical Specifications
Below is a breakdown of the key electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | Fixed 9.0V |
| **Input Voltage Range** | 3.3V to 20V |
| **Output Current** | Up to 300 mA |
| **Dropout Voltage** | 200 mV (typical at 300 mA load) |
| **PSRR (Power Supply Rejection Ratio)** | 60 dB at 10 kHz; 40 dB at 1 MHz |
| **Output Noise** | 15 µV rms (low noise performance) |
| **Package Type** | 8-Lead SOIC_N_EP (with Exposed Pad) |
| **Operating Temperature** | -40°C to +125°C |
---
### ## Key Features and Functions
1. **Low Dropout (LDO):** It can maintain a regulated 9V output even when the input voltage is only slightly higher (approx. 9.2V), which reduces power dissipation and heat.
2. **Wide Input Voltage:** Supporting up to 20V makes it versatile for industrial and automotive power rails.
3. **High PSRR:** Excellent at filtering out ripple from switching power supplies, making it ideal for powering clean analog circuitry.
4. **Precision Enable:** Includes a high-accuracy enable pin, allowing for precise power sequencing and UVLO (Under Voltage Lockout) settings.
5. **Exposed Pad (EP):** The "RDZ" suffix indicates an SOIC package with an exposed thermal pad, which must be soldered to the PCB ground plane to dissipate heat efficiently.
---
### ## Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ADP7102** | Device Series (300mA, 20V CMOS LDO) |
| **A** | Temperature Range (Industrial) |
| **RDZ** | Package (SOIC_N with Exposed Pad) |
| **9.0** | Fixed Output Voltage (9.0 Volts) |
| **R7** | Packaging Type (7-inch Reel, 1000 pieces) |
---
### ## Application Usage
This component is typically used in:
- **Regulation of high-resolution ADCs/DACs:** Where low noise is critical for accuracy.
- **RF and Microwave Circuits:** To avoid interference from power supply ripple.
- **Industrial Communications:** Providing stable rails for RS-485 or CAN transceivers.
- **Medical Instrumentation:** For sensitive sensor signal conditioning.
- ⤷
What are the recommended input and output capacitor values for the ADP7102?
- ⤷ How does the thermal resistance change if the exposed pad is not soldered?
- ⤷ Is there an adjustable version of the ADP7102 available?