Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADP7104ACPZ-3.0-R7

  • AI
    ## Technical Overview: ADP7104ACPZ-3.0-R7 The **ADP7104ACPZ-3.0-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable 3.0V output while maintaining a low noise floor and high power supply rejection ratio (PSRR), making it ideal for noise-sensitive analog and mixed-signal circuits. --- ### 1. Key Technical Specifications | Parameter | Value / Range | Description | | :--- | :--- | :--- | | **Input Voltage Range** | 3.3V to 20V | Supports wide supply rails. | | **Output Voltage** | 3.0V (Fixed) | Pre-configured internal feedback. | | **Max Output Current** | 500 mA | High current capability for an LDO. | | **Dropout Voltage** | 200 mV (typical) | Low overhead required at 500mA load. | | **PSRR** | 60 dB at 10 kHz | High rejection of input ripple. | | **Package** | 8-Lead LFCSP | Compact surface mount lead-frame chip scale package. | --- ### 2. Functional Components and Pinout The device integrates several internal blocks to ensure stability and protection: * **Pass Transistor:** A PMOS device that allows for low dropout operation. * **Precision Reference:** Ensures high accuracy over temperature variations. * **Protection Circuits:** Includes Thermal Shutdown (TSD) and Current Limit Protection. * **Soft Start:** Reduces inrush current during power-up. #### Pin Configuration (LFCSP Package) 1. **VIN:** Input Voltage. 2. **VOUT:** Regulated 3.0V Output. 3. **EN:** Enable pin (Active High). 4. **SENSE:** Connected to VOUT to monitor output voltage. 5. **GND:** Ground. 6. **EP (Exposed Pad):** Must be soldered to PCB ground for thermal dissipation. --- ### 3. Application Use Cases This part is commonly found in high-performance electronics where power integrity is critical: * **ADC/DAC Supplies:** Providing clean power to data converters to prevent noise-related jitter. * **RF Mixers and Amplifiers:** Maintaining signal purity in wireless communications. * **Medical Equipment:** Sensitive diagnostic tools requiring stable voltage. * **Industrial Sensors:** Reliable power for high-precision measurement devices. --- ### 4. Implementation Example To operate the ADP7104ACPZ-3.0-R7, minimal external components are required. A 1µF ceramic capacitor is typically recommended for both input and output stability. ```markdown Typical Circuit Setup: - Input: 5.0V Supply - Input Capacitor (Cin): 1µF Ceramic (X5R or X7R) - Output Capacitor (Cout): 1µF Ceramic (X5R or X7R) - EN Pin: Tied to VIN for "Always On" operation. ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal considerations for the LFCSP package at 500mA load?
    • ⤷ How does the PSRR of this device change at higher frequencies like 1MHz?
    • ⤷ Can this LDO be used with a 24V input supply?