ADP7104ACPZ-3.3-R7
AI

The **ADP7104ACPZ-3.3-R7** is a high-performance, CMOS low dropout (LDO) linear regulator. It is designed to provide a stable, low-noise output voltage from a wide input range, making it ideal for high-performance analog and mixed-signal circuits.
---
### ## 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 3.3 V (Fixed) |
| **Input Voltage Range** | 3.3 V to 20 V |
| **Maximum Output Current** | 500 mA |
| **Dropout Voltage** | 200 mV (typical at 500 mA) |
| **PSRR (Power Supply Rejection Ratio)** | 60 dB at 10 kHz; 40 dB at 1 MHz |
| **Output Noise** | 15 µV rms (10 Hz to 100 kHz) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | 8-lead LFCSP (3mm x 3mm) |
---
### ## 2. Core Functional Components
The internal architecture of the ADP7104 consists of several critical electronic stages:
1. **Internal Reference:** A high-precision bandgap reference that ensures the 3.3V output remains stable over varying temperatures and input voltages.
2. **Error Amplifier:** Compares the feedback voltage from the output against the internal reference to adjust the pass transistor.
3. **PMOS Pass Transistor:** Unlike bipolar LDOs, this device uses a PMOS FET, which allows for a very low dropout voltage and low quiescent current (typically 900 µA at full load).
4. **Protection Circuitry:**
* **Thermal Shutdown:** Disables the device if the junction temperature exceeds safe limits.
* **Current Limit:** Protects the device against short circuits or excessive loads.
* **Reverse Current Protection:** Prevents damage if the output voltage is pulled higher than the input voltage.
---
### ## 3. Application Context
The "ACPZ-3.3-R7" suffix indicates specific physical and packaging properties:
* **3.3:** Denotes the fixed 3.3V output version.
* **ACPZ:** Refers to the Lead-Frame Chip Scale Package (LFCSP), which offers excellent thermal performance in a small footprint.
* **R7:** Indicates the packaging format (7-inch Tape and Reel, typically 1,500 units).
#### **Typical Use Cases:**
* **Regulation to Noise-Sensitive Devices:** ADC/DAC converters and precision amplifiers.
* **Communications Infrastructure:** Powering RF components where low noise is critical.
* **Industrial/Medical:** Environments requiring high input voltage tolerance (up to 20V) and high reliability.
---
### ## 4. Typical Implementation Circuit
```mermaid
graph LR
Vin[Input Voltage 4V-20V] --> C1[Cin 2.2uF]
C1 --> Pin1[VIN Pin]
Pin1 --> IC[ADP7104]
IC --> Pin8[VOUT Pin]
Pin8 --> C2[Cout 2.2uF]
C2 --> Vout[3.3V Stable Output]
IC --- GND[Ground]
```
---
- ⤷
What are the thermal considerations for the LFCSP package at 500mA load?
- ⤷ How does the noise performance of the ADP7104 compare to standard linear regulators?
- ⤷ Can the ADP7104 be used with ceramic capacitors?